Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SVB-4D-R/Q

  • AI
    The **SVB-4D-R/Q** refers to a high-performance safety valve monitor and sensor assembly, typically associated with industrial automation and fluid control systems. These units are often used to monitor the status (open/closed) of safety valves in gas trains or hydraulic systems. Below is an explanation of its core electronic parts and technical specifications. --- ### 1. Key Electronic Components The device functions as a precision limit switch box or position indicator. Its internal electronics focus on signal reliability and durability. | Component | Function | | :--- | :--- | | **Microswitches / Proximity Sensors** | Detects the physical position of the valve stem to provide feedback. | | **Terminal Block** | Provides a secure connection point for control wiring (PLC inputs). | | **LED Indicators** | (Specific to "Q" models) Visual status light for local diagnostics. | | **Gold-Plated Contacts** | Often used to prevent oxidation and ensure low-voltage signal integrity. | | **Cam Assembly** | Adjustable mechanical interface that triggers the electronic switches. | --- ### 2. Technical Specifications The "R/Q" designation usually signifies specific variations in electrical output or visual indication. | Feature | Specification Details | | :--- | :--- | | **Supply Voltage** | Typically 24V DC or 110V/230V AC (depending on the specific switch installed). | | **Switching Capacity** | Often rated for 5A to 10A at 250V AC. | | **Enclosure Rating** | IP67 (Waterproof and Dustproof) for industrial environments. | | **Operating Temp** | -20°C to +60°C (standard industrial range). | | **Interface** | M20 x 1.5 or 1/2" NPT cable entries. | --- ### 3. Wiring Configuration The electronics are generally wired in a **SPDT (Single Pole Double Throw)** or **DPDT** configuration. This allows the system to send two distinct signals: 1. **Signal A:** Valve is fully closed (Safe State). 2. **Signal B:** Valve is fully open (Operating State). #### Example Wiring Logic: ```c // Pseudo-logic for PLC Integration IF (SVB_Switch_1 == CLOSED) { System_Status = "Safe"; Green_LED = ON; } ELSE { System_Status = "Active/Warning"; Red_LED = ON; } ``` --- ### 4. Part Number Breakdown * **SVB:** Series designation (Safety Valve Box). * **4D:** Indicates the physical housing size or the number of switches (4 switches/double-pole). * **R:** Often signifies a specific mounting bracket or "Remote" feedback. * **Q:** Often signifies "Quick" connect terminals or high-visibility visual indicators. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q variants in terms of wiring?
    • ⤷ How do you calibrate the internal cams for accurate switching?
    • ⤷ Which PLCs are most compatible with the SVB-4D signal output?