Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SVB-A10-R/E

  • AI
    Based on the technical specifications for the **SVB-A10-R/E**, this device is an electronic **Solenoid Operated Directional Control Valve** (often associated with Northman or similar hydraulic manufacturers). Below is a breakdown of its electronic components and specifications. ### 1. Component Identification The model code `SVB-A10-R/E` typically breaks down as follows: * **SVB:** Series designation (Solenoid Valve). * **A10:** Size/Flow capacity (often 10mm or specific mounting pattern). * **R/E:** Electrical connection style and voltage/coil configuration. --- ### 2. Electrical Specifications The electronic performance of the valve is defined by its solenoid assembly. | Feature | Technical Detail | | :--- | :--- | | **Voltage Type** | AC or DC (Depending on final suffix, usually 110V/220V AC or 12V/24V DC) | | **Coil Insulation** | Class H (High temperature resistance) | | **Duty Cycle** | 100% Continuous Duty | | **Connector Type** | DIN 43650 (Plug-in connector with optional LED indicators) | | **Protection Class** | IP65 (Dust tight and protected against water jets) | --- ### 3. Key Electronic Parts The unit consists of several critical electronic and electro-mechanical parts: #### A. The Solenoid Coil The heart of the unit. It converts electrical energy into linear mechanical force. * **Internal Copper Windings:** Precision-wound to handle specific current loads without overheating. * **Encapsulation:** The coil is usually molded in a thermoset plastic to protect against moisture and vibration. #### B. The Armature (Plunger) The moving part inside the coil. * **Material:** Ferromagnetic steel. * **Function:** When the coil is energized, the magnetic field pulls this plunger to shift the internal hydraulic spool. #### C. Electrical Connector/Junction Box * **LED Indicator:** Many models include a transparent DIN plug with a built-in LED to show "Power On" status. * **Surge Suppressor:** Modern versions often include a varistor or diode to prevent voltage spikes from damaging the PLC or controller. --- ### 4. Circuit Interaction In a typical control system, the SVB-A10-R/E interacts with external electronics as follows: 1. **Input Signal:** A 24VDC or 220VAC signal is sent from a PLC (Programmable Logic Controller). 2. **Induction:** The coil generates a magnetic field. 3. **Mechanical Shift:** The armature moves, overcoming spring tension. 4. **Feedback (Optional):** Some variants include a limit switch to electronically confirm the spool position. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage options available for the SVB series?
    • ⤷ How do I troubleshoot a solenoid coil failure in this valve?
    • ⤷ What is the difference between the R and E suffixes in this model code?