Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SVB-B0-R/CE

  • AI
    The **SVB-B0-R/CE** is a specific electronic safety component, primarily recognized as a **Safety Switch or Interlock Switch** within industrial automation systems. It is commonly associated with safety gate monitoring and machine guarding. Below is a detailed breakdown of its electronic and functional characteristics. --- ## 1. Core Specifications The device is designed to interface with safety relay modules or PLCs to ensure that machinery cannot operate if a guard is open. | Feature | Description | | :--- | :--- | | **Component Type** | Safety Interlock Switch / Position Switch | | **Contact Configuration** | Usually features redundant contacts (e.g., 2NC/1NO) | | **Standard Compliance** | CE (Conformité Européenne), RoHS | | **Material** | Heavy-duty industrial plastic or metal housing | | **Actuator Type** | Key-operated or rotary (depending on specific sub-series) | --- ## 2. Key Electronic Features ### A. Redundant Safety Contacts To meet safety integrity levels (SIL) or performance levels (PL), the SVB-B0-R/CE utilizes **Force-Guided Contacts**. * **NC (Normally Closed):** These are used for the safety circuit. When the gate is closed, the circuit is complete. * **NO (Normally Open):** Often used for monitoring or signaling to a PLC to indicate the door status. ### B. Positive Opening Operation The "CE" marking and industrial safety rating imply that the switch has **Positive Opening** contacts. This means the contacts are physically forced apart by the actuator, ensuring they open even if the contacts have welded due to an electrical surge. ### C. Electrical Ratings While specific data can vary by the exact manufacturer (often related to brands like Schmersal or Schneider-type designs), standard ratings include: * **Thermal Current ($I_{th}$):** Typically 5A to 10A. * **Utilization Category:** AC-15 (Control of electromagnetic loads) or DC-13. * **Insulation Voltage ($U_i$):** Usually rated up to 500V. --- ## 3. Physical & Environmental Design * **Ingress Protection (IP Rating):** Typically **IP65 or IP67**, making it resistant to dust and water splashes, essential for factory environments. * **Connection Type:** Often features an M20 conduit entry or a pre-wired M12 connector. * **"R" Suffix:** In many naming conventions, the "R" indicates a **Reset** function or a specific **Right-hand** mounting orientation. --- ## 4. Typical Application Circuit In a safety circuit, the SVB-B0-R/CE is wired in series with a **Safety Relay**: 1. **Channel 1 (NC):** Connects to S11-S12 on the safety relay. 2. **Channel 2 (NC):** Connects to S21-S22 on the safety relay. 3. **Result:** If the actuator is removed (gate opened), both channels break the circuit, causing the safety relay to cut power to the motor contactors. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Can you provide a wiring diagram for a 2NC/1NO safety switch?
    • ⤷ What is the difference between IP65 and IP67 ratings for safety switches?