Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • SVB-H8W-R/CE

  • AI
    The **SVB-H8W-R/CE** is a specialized high-definition video camera module often used in industrial, medical, or security surveillance applications. While specific documentation can vary by manufacturer (frequently associated with brands like SVBONY or industrial sensor OEMs), this model number generally refers to an **8MP (4K) USB Camera Module**. Below is a breakdown of its core electronic components and technical specifications. --- ### 1. Core Electronic Specifications The performance of this module is driven by its image sensor and Digital Signal Processor (DSP). | Component | Specification | | :--- | :--- | | **Image Sensor** | Typically Sony IMX179 or similar 1/3.2" CMOS Sensor | | **Resolution** | 8 Megapixel (3264 x 2448) | | **Interface** | USB 2.0 High Speed (Plug & Play) | | **Frame Rate** | 30fps @ 1080P; 15fps @ 3264 x 2448 | | **Compression Format** | MJPEG / YUY2 | | **Voltage** | DC 5V (via USB) | | **Current** | 150mA - 200mA | --- ### 2. Key Electronic Assemblies #### A. The Sensor Board The heart of the module is the CMOS sensor. Unlike CCD sensors, the CMOS sensor in the SVB-H8W-R/CE integrates the analog-to-digital converter (ADC) directly on the chip, reducing heat and power consumption. #### B. ISP (Image Signal Processor) This chip handles the "heavy lifting" of the video stream, including: * **Auto Exposure (AEC):** Adjusting brightness based on ambient light. * **Auto White Balance (AWB):** Correcting color temperature. * **Gain Control:** Managing signal amplification in low-light conditions. #### C. Optics and Lens Mount * **R/CE Designation:** Usually indicates a specific lens type or regulatory certification (CE). * **IR Cut Filter:** The module contains an electronic or fixed IR filter to prevent infrared light from distorting colors during daylight. * **Lens:** Often features a M12 or CS mount for interchangeable industrial lenses. --- ### 3. Interface and Connectivity The module is designed for **UVC (USB Video Class)** compliance. Electronics-wise, this means: 1. **No External Drivers:** The firmware on the board communicates standard video protocols to the OS (Windows, Linux, Android). 2. **Pinout:** Standard 4-pin USB header (VCC, D-, D+, GND). 3. **Microphone:** Many versions of the H8W board include an integrated MEMS (Micro-Electro-Mechanical System) microphone for synchronized audio. --- ### 4. Typical Applications Due to the high resolution and small form factor, these electronic parts are commonly found in: * **Kiosks & ATMs:** For user identification. * **Document Scanners:** High resolution for OCR (Optical Character Recognition). * **Medical Imaging:** Used in endoscopes or dental cameras. * **Robotics:** Vision systems for Raspberry Pi or Jetson Nano projects.
    ✨ Follow-up Questions
    • ⤷ Does this camera module support autofocus or is it a fixed-focus lens?
    • ⤷ Can this module be used with a Raspberry Pi using the V4L2 driver?
    • ⤷ What are the dimensions of the PCB for integration into custom enclosures?