TCDA1109-R68M
AI

## Analysis of the TCDA1109-R68M
The **TCDA1109-R68M** is a high-performance **Power Inductor**, specifically designed for automotive and high-reliability industrial applications. It belongs to a category of surface-mount (SMD) molded inductors known for their high current handling and compact footprints.
---
### 1. Technical Specifications
The part number follows a standard industry naming convention. Below are the primary electronic characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (indicated by "R68") |
| **Tolerance** | ±20% (indicated by "M") |
| **Case Size** | 11.0mm x 10.0mm x 9.0mm (approximate) |
| **DCR (DC Resistance)** | Very low (typically < 2.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (typically 30A - 50A range) |
| **Core Material** | Composite Metal Alloy (Molded) |
| **Operating Temperature** | -40°C to +125°C or +150°C |
---
### 2. Key Features and Construction
* **Molded Construction:** The inductor is manufactured by pressing a metal alloy powder around the copper coil. This creates a "shielded" structure that minimizes electromagnetic interference (EMI).
* **Soft Saturation:** Unlike ferrite inductors that lose inductance sharply when current rises, the TCDA series uses a composite core that provides a gradual (soft) saturation curve.
* **Low Audible Noise:** The molded design reduces the vibration of the coil, effectively eliminating "buzzing" or acoustic noise caused by high-frequency switching.
* **AEC-Q200 Compliance:** The "TCDA" prefix often signifies automotive grade, meaning it is tested to withstand extreme thermal shocks and mechanical vibrations.
---
### 3. Application Use Cases
This specific part is typically found in the **Voltage Regulator Modules (VRM)** and **DC-DC Converters** of modern electronics.
1. **Automotive Systems:** ADAS cameras, infotainment units, and Engine Control Units (ECU).
2. **Computing:** High-current power rails for CPUs and GPUs where space is limited.
3. **Industrial:** High-efficiency power supplies for robotics and automation sensors.
---
### 4. Circuit Implementation
In a typical Buck Converter circuit, the TCDA1109-R68M would be placed after the switching MOSFETs to smooth the current.
```spice
* Typical Buck Converter Output Stage
* VIN -> [Switch] -> [TCDA1109-R68M] -> VOUT
* |
* [Capacitor]
* |
* GND
```
---
- ⤷
What are the direct substitutes for the TCDA1109 series from brands like Vishay or TDK?
- ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter design?
- ⤷ What is the specific current rating (IDC) for the R68M variant?