Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • TCS-31-R/E

  • AI
    The **TCS-31-R/E** is a specific series of industrial-grade **Temperature Control Switches** (often categorized as digital thermostats or temperature controllers). These are commonly used in commercial refrigeration, HVAC systems, and industrial ovens. The electronic architecture of the device is designed for precision sensing and high-current switching. --- ### 1. Core Electronic Components The device consists of several integrated subsystems that allow it to monitor and regulate thermal environments. | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Logic Processing | The "brain" that compares the sensor input against the user-defined setpoint. | | **NTC/PTC Thermistor** | Sensing | A probe that changes resistance based on temperature, providing an analog signal to the MCU. | | **Relay (SPDT/SPST)** | Switching | The mechanical or solid-state switch that controls the power to the compressor or heater. | | **LED Display** | User Interface | Typically a 3-digit 7-segment display showing real-time temperature and error codes. | | **Switching Power Supply** | Power Regulation | Converts AC mains (110V/220V) to low-voltage DC (5V/12V) for the internal logic. | --- ### 2. Technical Specifications The electronic limits of the TCS-31-R/E series are critical for circuit design and safety. * **Input Voltage:** Usually AC 220V ±10% or 110V. * **Relay Contact Capacity:** Typically rated at **10A to 30A** (depending on the specific model variation). * **Temperature Range:** Generally -45°C to +99°C (standard refrigeration range). * **Accuracy:** ±1°C. * **Power Consumption:** < 5W. --- ### 3. Wiring Configuration (Standard Layout) The back of the unit features a terminal block for electronic connections. ```text Terminal Identification: [1][2] - Power Input (N/L) [3][4] - Temperature Sensor Probe Input [5][6] - Relay Output (To Compressor/Heater) ``` ### 4. Electronic Protection Features 1. **Delay Protection:** Prevents the compressor from frequent "short-cycling," which can burn out motor windings. 2. **Sensor Failure Alarm:** If the thermistor circuit opens or shorts, the controller enters a "Safe Mode" or triggers a buzzer. 3. **Hysteresis (Differential) Logic:** An electronic offset (e.g., 2°C) that prevents the relay from flickering when the temperature is exactly at the setpoint. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring difference between the 'R' and 'E' variants of this controller?
    • ⤷ How do you calibrate the temperature offset on the TCS-31?
    • ⤷ What are the common error codes (like E1 or E2) for this device?