Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • TCS-84-R

  • AI
    The **TCS-84-R** is a specialized electronic component commonly found in industrial automation, specifically within the realm of thermal management and temperature control systems. It is primarily identified as a **Capillary Thermostat** (Temperature Control Switch). Below is a breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications The TCS-84-R is designed to open or close an electrical circuit based on sensing a specific temperature threshold. | Feature | Specification | | :--- | :--- | | **Type** | Capillary / Bulb Thermostat | | **Reset Type** | Manual Reset (indicated by the "-R") | | **Temperature Range** | Typically fixed or adjustable (commonly around 84°C/183°F cutoff) | | **Switch Configuration** | SPST (Single Pole Single Throw) or SPDT | | **Current Rating** | Usually 16A to 20A at 250VAC | | **Capillary Length** | Varies (Standard 1000mm to 1500mm) | | **Material** | Copper or Stainless Steel sensing bulb | --- ### 2. Key Electronic Components The device functions through a mechanical-electrical interface consisting of three main parts: #### A. The Sensing Bulb and Capillary This part acts as the "sensor." It is filled with a temperature-sensitive fluid or gas. As the temperature rises at the bulb, the internal fluid expands, increasing pressure through the thin capillary tube. #### B. The Bellows (Diaphragm) Inside the main housing, the pressure from the capillary pushes against a flexible metal bellows. This bellows acts as a transducer, converting fluid pressure into physical movement. #### C. The Snap-Action Switch This is the electrical core of the unit. When the bellows expands to a certain point: * It triggers a high-speed mechanical linkage. * The electrical contacts are "snapped" open (breaking the circuit). * **Manual Reset Logic:** Because it is a "-R" model, once the circuit is broken due to high heat, it will **not** automatically reconnect when it cools down. A human operator must manually press a button on the housing to reset the electrical path. --- ### 3. Connection Diagram (General) The electrical terminals are usually marked with numbers. A typical wiring scenario for safety cutoff is: ```mermaid graph LR Power_In --> |Terminal 1| Switch[TCS-84-R] Switch --> |Terminal 2| Load[Heater/Motor] Load --> Neutral ``` --- ### 4. Common Applications * **Safety Cut-outs:** Used as a fail-safe in commercial water heaters or boilers. * **Overheat Protection:** Installed in industrial ovens to prevent fires if the primary digital controller fails. * **HVAC Systems:** Monitoring coil temperatures to prevent freezing or overheating.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an automatic reset and the manual reset found in the TCS-84-R?
    • ⤷ How do you calibrate the temperature set-point on this type of thermostat?
    • ⤷ What are the common failure modes of capillary-style electronic switches?