Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • TIP42CL-TN3-R

  • AI
    ## Overview of TIP42CL-TN3-R The **TIP42CL-TN3-R** is a specific variant of the widely used TIP42 series. It is a **Complementary PNP Epitaxial Silicon Power Transistor** designed for medium-power linear switching and amplifier applications. The suffix **"TN3-R"** typically refers to the packaging style (TO-252/DPAK) and the packing method (Tape & Reel). --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Transistor Type** | - | PNP | - | | **Collector-Emitter Voltage** | $V_{CEO}$ | -60 | V | | **Collector-Base Voltage** | $V_{CBO}$ | -60 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Continuous Collector Current** | $I_C$ | -6 | A | | **Peak Collector Current** | $I_{CP}$ | -10 | A | | **Total Power Dissipation** ($T_C = 25^\circ C$) | $P_D$ | 20 | W | | **DC Current Gain** | $h_{FE}$ | 15 to 75 | - | --- ### 2. Physical & Packaging Characteristics The "TN3" designation indicates the **TO-252 (DPAK)** package. This is a surface-mount device (SMD) version of the traditional through-hole TO-220 package. * **Compact Design:** Ideal for automated assembly. * **Thermal Performance:** Includes a large metal tab (collector) for soldering to a PCB copper plane to act as a heat sink. * **Lead Finish:** The "L" usually signifies "Lead-Free" or "Halogen-Free" compliance (RoHS). --- ### 3. Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Base** | Controls the current between Emitter and Collector. | | 2 / Tab | **Collector** | Connected to the heat sink tab; output for the load. | | 3 | **Emitter** | Usually connected to the positive supply in a PNP configuration. | --- ### 4. Typical Applications The TIP42CL is a versatile power transistor often paired with the **TIP41C** (its NPN complement). Common uses include: 1. **Switching Regulators:** Used in DC-DC converters to handle up to 6A of current. 2. **Audio Amplifiers:** Medium-power output stages for driving speakers. 3. **Motor Drivers:** Controlling DC motors in robotics or small appliances. 4. **Relay Drivers:** Handling the high current required to trigger mechanical relays from low-power logic. --- ### 5. Circuit Design Considerations * **PNP Operation:** Remember that the TIP42 is a PNP transistor. It "turns on" when the base voltage is pulled lower than the emitter voltage. * **Thermal Management:** Even though it is rated for 20W, the TO-252 package requires a significant amount of PCB copper area to dissipate heat effectively if running at high currents. * **Saturation Voltage:** The $V_{CE(sat)}$ is typically around -1.5V at 6A. Ensure your circuit can handle this voltage drop across the transistor.
    ✨ Follow-up Questions
    • ⤷ What is the complementary NPN transistor for the TIP42CL?
    • ⤷ How does the TO-252 package thermal performance compare to the TO-220 version?
    • ⤷ What is the maximum switching frequency for the TIP42CL in power applications?