Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • TM5SAO2H

  • AI
    The **TM5SAO2H** is a specific analog output expansion module belonging to the Schneider Electric **Modicon TM5** series. It is designed for high-performance automation systems, typically used with controllers like the Modicon M258 or LMC058. --- ### ## Technical Specifications Overview The TM5SAO2H is a **2-channel analog output module** that provides high-resolution voltage or current signals to field devices such as valves, motor drives, or actuators. | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 | | **Output Type** | Voltage or Current (Configurable) | | **Voltage Range** | +/- 10 V or 0...10 V | | **Current Range** | 0...20 mA or 4...20 mA | | **Resolution** | 16-bit (high precision) | | **Isolation** | 500 Vrms between channel and bus | | **Sampling Period** | 1 ms (fast response) | | **Power Consumption** | 1.41 W | --- ### ### Electronic Components & Design The electronic architecture of the TM5SAO2H is built for industrial-grade reliability and precision: 1. **Digital-to-Analog Converter (DAC):** The heart of the module is a high-resolution 16-bit DAC. This allows for extremely granular control, dividing the output signal into 65,536 distinct steps, which is critical for precision positioning or pressure control. 2. **Internal Bus Interface:** It uses the **TM5 local bus** for communication with the CPU. This bus provides high-speed data synchronization and carries the electronic power necessary for the module's logic. 3. **Output Buffer & Protection:** Each channel contains operational amplifiers and protection circuits to guard against: * Short circuits. * Over-voltage. * Electrostatic Discharge (ESD). 4. **LED Diagnostics:** The module includes status indicators on the front face: * **PWR:** Power status. * **STS:** Module health/Status. * **Channel LEDs:** Indicate state or errors specific to outputs 1 and 2. --- ### ### Wiring and Installation The module is designed for the "Slice" I/O system, meaning it snaps onto a terminal block. ```text Wiring Configuration (General): Terminal 1: Output 0 (+) Terminal 2: Common (0V) Terminal 3: Output 1 (+) Terminal 4: Common (0V) ``` --- ### ### Key Advantages * **Hot-Swapping:** Electronic components are designed to allow the replacement of the module without powering down the entire system (provided the base remains). * **Precision:** The 16-bit resolution makes it suitable for sensitive lab equipment or high-end variable frequency drive (VFD) control. * **Flexibility:** Software configuration allows switching between voltage and current modes without changing hardware.
    ✨ Follow-up Questions
    • ⤷What is the difference between the TM5SAO2H and the standard TM5SAO2L?
    • ⤷ How do I configure the 16-bit resolution in EcoStruxure Machine Expert?
    • ⤷ What are the grounding requirements for the TM5SAO2H to prevent signal noise?