TPVI20
AI

The **TPVI20** typically refers to a specific series of **Isolator/Signal Converters** (often associated with brands like *Tebit* or similar industrial automation manufacturers). These devices are used to process electrical signals in industrial environments to ensure safety and signal integrity.
---
## 1. Core Functions of the TPVI20
The TPVI20 series is designed to handle "Ground Loop" issues and protect sensitive PLC/DCS inputs from high-voltage surges.
| Feature | Description |
| :--- | :--- |
| **Galvanic Isolation** | Physically separates input, output, and power circuits using transformers or optocouplers. |
| **Signal Conversion** | Converts standard industrial signals (e.g., 4-20mA to 0-10V). |
| **Signal Distribution** | Can take one input and provide two identical or different isolated outputs. |
| **Filtering** | Removes high-frequency noise from the analog signal path. |
---
## 2. Key Electronic Components
Inside a TPVI20 module, several critical electronic parts work together:
### A. Input Stage
* **Precision Resistors:** Used to convert current signals (4-20mA) into voltage signals for processing.
* **Protection Diodes (TVS):** Protect the device from transient voltage spikes.
### B. Isolation Barrier
* **High-Frequency Transformer:** Used in DC/DC isolation to transfer power across the barrier without physical contact.
* **Optoisolators:** Use light to transfer the data signal, ensuring there is no electrical path between the field side and the control side.
### C. Processing & Output
* **Operational Amplifiers (Op-Amps):** Low-drift amplifiers ensure the signal remains linear and accurate.
* **Voltage Regulators:** Maintain a stable internal voltage regardless of fluctuations in the 24V DC power supply.
---
## 3. Technical Specifications
Typical values for the TPVI20 series include:
| Parameter | Typical Value |
| :--- | :--- |
| **Power Supply** | 24V DC (±10%) |
| **Input Signals** | 4-20mA, 0-20mA, 0-5V, 0-10V |
| **Output Signals** | 4-20mA, 0-10V, etc. |
| **Accuracy** | 0.1% F.S. (Full Scale) |
| **Isolation Strength** | 1500V AC or higher (1 min) |
| **Response Time** | < 1ms |
---
## 4. Typical Wiring Diagram (Conceptual)
```mermaid
graph LR
A[Field Sensor] -->|4-20mA| B(TPVI20 Input)
B --> C{Isolation Barrier}
C --> D(TPVI20 Output)
D -->|Isolated 4-20mA| E[PLC / Controller]
F[24V Power] --> B
```
---
- ⤷
What is the difference between active and passive isolation in the TPVI20 series?
- ⤷ How do I troubleshoot a 'No Output' signal on a TPVI20 module?
- ⤷ Can the TPVI20 handle RTD or Thermocouple temperature inputs directly?