Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • TS-RDP7W

  • AI
    The **TS-RDP7W** is a specialized multi-card reader developed by Transcend. While it is a consumer-grade peripheral, its internal architecture consists of several key electronic components that enable high-speed data transfer and cross-platform compatibility. --- ### 1. Primary Electronic Components The device is built on a compact PCB (Printed Circuit Board) featuring the following core sections: | Component Type | Function | Details | | :--- | :--- | :--- | | **Bridge Controller IC** | Data Processing | Usually a Realtek or Alcor Micro chipset that converts SD/microSD protocols to USB signals. | | **USB Interface** | Connectivity | Features a USB 2.0 (High-Speed) interface, providing up to 480 Mbps theoretical bandwidth. | | **Voltage Regulator** | Power Management | Steps down the 5V USB power to 3.3V or 1.8V required by the memory card logic. | | **Crystal Oscillator** | Timing | Provides the clock signal (frequency) necessary for synchronous data transmission. | | **Slot Connectors** | Physical Interface | Multi-pin connectors for SDHC, microSDHC, MMC, and MS (Memory Stick) formats. | --- ### 2. Technical Specifications Understanding the electronic limits of the TS-RDP7W is essential for determining performance compatibility: * **Host Interface:** USB 2.0 (Type-A Connector). * **Operating Voltage:** 5V (supplied via the USB port). * **LED Indicator:** A built-in LED (Light Emitting Diode) that signals power status and data transfer activity (blinking). * **Supported Standards:** * Secure Digital (SD) / SDHC. * MicroSD / MicroSDHC. * Memory Stick (MS Pro/Duo/M2). --- ### 3. Circuit Logic & Operation The electronic workflow of the TS-RDP7W follows this logic: 1. **Enumeration:** When plugged in, the Bridge Controller identifies itself to the OS as a "Mass Storage Device." 2. **Signal Conversion:** The IC translates the serial data from the memory card pins into differential signals compatible with the USB D+ and D- lines. 3. **Error Correction:** The controller includes firmware-level logic to handle ECC (Error Correction Code) inherent in flash memory reading. ### 4. Comparison of Card Slots The TS-RDP7W is unique because it combines several physical interfaces into one bus: ```json { "slots": { "Slot_1": "SD / SDHC / MMC", "Slot_2": "microSD / microSDHC", "Slot_3": "Memory Stick PRO / Duo / PRO-HG", "Slot_4": "M2 (Memory Stick Micro)" } } ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the TS-RDP7W support SDXC cards larger than 32GB?
    • ⤷ What is the specific bridge controller chipset used in this model?
    • ⤷ Can this device read multiple cards simultaneously?