Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • U74LVC1G34L-AF5-R

  • AI
    ## U74LVC1G34L-AF5-R: Technical Overview The **U74LVC1G34L-AF5-R** is a single-gate non-inverting buffer designed for low-voltage applications. It is part of the LVC (Low-voltage CMOS) family, widely used in modern electronics for signal buffering and level shifting. ### 1. Key Specifications Below is a breakdown of the primary electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Function** | Single Buffer (Non-Inverting) | | **Supply Voltage (Vcc)** | 1.65V to 5.5V | | **Output Current (Ioh/Iol)** | ±24mA (at 3.0V) | | **Propagation Delay** | ~3.4ns (at 3.3V) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-25 / SOT-23-5 (AF5) | --- ### 2. Pin Configuration The device typically comes in a 5-pin package. The standard pinout is as follows: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | NC | No Connection | | 2 | A | Data Input | | 3 | GND | Ground | | 4 | Y | Data Output | | 5 | Vcc | Power Supply | --- ### 3. Core Features * **Wide Voltage Range:** Supports legacy 5V systems as well as modern 1.8V and 3.3V logic levels. * **Overvoltage Tolerant Inputs:** The inputs can withstand up to 5.5V regardless of the supply voltage (Vcc). This makes it excellent for **downward level translation** (e.g., converting 5V signals to 3.3V). * **Ioff Circuitry:** Supports partial-power-down mode operation. This prevents damaging backflow current through the device when it is powered down. * **High Drive Capability:** Provides up to 24mA of output drive, suitable for driving transmission lines or heavy capacitive loads. --- ### 4. Part Number Breakdown The suffixing follows specific manufacturer nomenclature (likely UTC - Unisonic Technologies): * **U74LVC:** Series (Low Voltage CMOS). * **1G34:** Logic function (Single Gate, Non-inverting Buffer). * **L:** Lead-free/Halogen-free. * **AF5:** Package code (SOT-25). * **R:** Tape and Reel packaging. --- ### 5. Common Applications * **Signal Isolation:** Preventing noise from propagating back to the source. * **Level Shifting:** Interfacing a high-voltage sensor with a low-voltage MCU. * **Bus Driving:** Strengthening a signal that needs to travel across a long PCB trace.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this buffer and an inverter like the 1G04?
    • ⤷ Can I use this part to convert a 1.8V signal to 5V?
    • ⤷ What are the specific power consumption ratings in standby mode?