UPSL100-AF5-R
AI

## Electronic Components and Technical Profile: UPSL100-AF5-R
The **UPSL100-AF5-R** typically refers to a high-performance **Low Dropout Regulator (LDO)** or a specific **Power Management Integrated Circuit (PMIC)**, often associated with UTC (Unisonic Technologies).
Below is a breakdown of its electronic characteristics, internal architecture, and physical specifications.
---
### 1. Key Technical Specifications
The device is designed for stability and efficiency in voltage regulation.
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed or Adjustable (Model dependent) |
| **Max Output Current** | 100 mA |
| **Input Voltage Range** | Up to 12V - 15V (Typical) |
| **Dropout Voltage** | Low (typically < 0.5V at full load) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 Suffix) |
| **RoHS Status** | Halogen-Free / Lead-Free (R Suffix) |
---
### 2. Internal Electronic Parts (Architecture)
Inside the silicon die, the UPSL100-AF5-R consists of several functional blocks that work together to maintain a steady output:
* **Error Amplifier:** Compares a portion of the output voltage with an internal reference voltage to adjust the pass transistor.
* **Voltage Reference:** A precise, temperature-compensated Bandgap reference circuit.
* **Pass Transistor:** Typically a **P-channel MOSFET** or PNP transistor that regulates the flow of current from input to output.
* **Thermal Shutdown Circuit:** Protects the IC by shutting it down if the junction temperature exceeds safety limits (usually around 150°C).
* **Current Limit Protection:** Prevents damage by limiting the output current during short-circuit or overload conditions.
---
### 3. Pin Configuration (SOT-25/AF5)
The "AF5" suffix denotes the package type, which usually follows this standard pinout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **EN / CE** | Enable / Chip Enable (High = On, Low = Off) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor for noise reduction |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Implementation Essentials
To ensure the electronic stability of the part, the following external components are required:
1. **Input Capacitor ($C_{IN}$):** A $1\mu F$ ceramic capacitor is usually placed close to the VIN pin to filter supply noise.
2. **Output Capacitor ($C_{OUT}$):** A $1\mu F$ to $10\mu F$ capacitor is required for stability. LDOs like this often require low ESR (Equivalent Series Resistance) capacitors.
3. **Enable Signal:** If the EN pin is left floating, the device may not turn on. It should be tied to $V_{IN}$ for continuous operation.
---
- ⤷
What is the maximum operating temperature for the UPSL100-AF5-R?
- ⤷ Can you provide a comparison between the SOT-25 and SOT-89 packaging for this part?
- ⤷ What is the typical quiescent current consumption for this regulator?