Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • VCXO2EV-C24T3

  • AI
    ### VCXO2EV-C24T3: Electronic Component Overview The **VCXO2EV-C24T3** is a high-performance **Voltage Controlled Crystal Oscillator (VCXO)**. These components are critical in circuits where a precise frequency is required but must be slightly adjustable (tunable) via an external analog voltage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Output Frequency** | 24.000 MHz (Common for this series) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V (Series dependent) | | **Frequency Stability** | ±25ppm to ±50ppm | | **Control Voltage Range** | 0.5V to 2.5V or 0V to Vcc | | **Package Style** | SMD (Surface Mount Device) | --- ### 2. Functional Pins & Anatomy The "EV" series typically utilizes a standard 4-pin or 6-pin miniature ceramic package. Below is the standard pinout configuration for these oscillators: 1. **VC (Voltage Control):** The input pin where an external DC voltage is applied to "pull" or adjust the output frequency. 2. **GND:** System ground. 3. **Output:** The clock signal output (Square wave). 4. **Vcc:** DC Power supply input. 5. *(Optional) OE (Output Enable):* Allows the output to be turned on or off without powering down the device. --- ### 3. Core Working Principle The VCXO2EV-C24T3 operates by combining a quartz crystal with a **Varactor Diode** (a voltage-variable capacitor). * **Fixed Frequency:** The quartz crystal provides a highly stable base frequency (24.000 MHz). * **Tuning:** By changing the voltage on the **VC pin**, the capacitance of the internal varactor changes. * **Result:** This shift in capacitance slightly alters the resonant frequency of the crystal circuit, allowing for precise synchronization with other signals. --- ### 4. Common Applications * **Phase-Locked Loops (PLLs):** Used to synchronize local oscillators with incoming data streams. * **Telecommunications:** Used in base stations and networking hardware for clock recovery. * **Video Systems:** Maintaining synchronization in digital video broadcasting (DVB). * **Data Acquisition:** Reducing "jitter" in high-speed analog-to-digital converters. --- ### 5. Implementation Circuit Example ```c // Conceptual Logic for Controlling a VCXO via Microcontroller void adjustFrequency(float targetVoltage) { // 1. Output a PWM signal or use an external DAC // 2. Filter the signal to create a clean DC Voltage // 3. Apply DC Voltage to Pin 1 (VC) of the VCXO2EV-C24T3 DAC_Write(targetVoltage); } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency pulling range for the VCXO2EV series?
    • ⤷ How does temperature affect the stability of this specific oscillator?
    • ⤷ Can this part be used in low-jitter audio applications?