VIPER53EDIP
AI

The **VIPER53EDIP** is a high-performance offline switcher IC developed by STMicroelectronics. It belongs to the VIPer (Vertical Intelligent Power) family, which integrates a dedicated current-mode PWM controller with a high-voltage Power MOSFET on the same silicon chip.
---
### 1. Key Internal Components
The VIPER53EDIP consists of several critical electronic sections:
| Component | Function |
| :--- | :--- |
| **Power MOSFET** | A high-voltage (620V) power transistor that handles the switching of the primary transformer winding. |
| **PWM Controller** | Regulates the output voltage by adjusting the duty cycle based on feedback. |
| **Current Sense** | Monitors the drain current to provide cycle-by-cycle protection and current-mode control. |
| **Start-up High Voltage Source** | Internal circuitry that allows the chip to start up directly from the rectified mains, eliminating the need for an external start-up resistor. |
| **Thermal Shutdown** | Protects the IC by turning it off if the internal temperature exceeds approximately 170°C. |
---
### 2. Pinout Configuration (DIP-8 Package)
The "EDIP" suffix refers to the **Enhanced Dual In-line Package**. Below are the standard pin functions:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1-2 | **SOURCE** | Ground reference for the control circuits and source of the internal MOSFET. |
| 3 | **COMP** | Input for the feedback loop (compensation) to regulate the output. |
| 4 | **OSC** | Connection for an external RC network to set the switching frequency. |
| 5 | **Vdd** | Supply voltage for the control logic (usually 9V to 18V). |
| 7-8 | **DRAIN** | High voltage pin connected to the primary winding of the transformer. |
---
### 3. Technical Specifications
The VIPER53EDIP is designed for efficiency and robustness in Switch Mode Power Supplies (SMPS).
* **Drain-Source Voltage ($V_{DS}$):** 620V Max.
* **Switching Frequency:** Programmable up to 300 kHz.
* **Peak Current Limit:** Adjustable via external components.
* **Standby Power:** Features "Burst Mode" to reduce power consumption during no-load conditions.
* **Output Power:** Capable of delivering up to **30W** (wide range input) or **50W** (European/Single voltage range).
---
### 4. Basic Application Circuit
To build a functional power supply using this part, the following external components are required:
1. **Transformer:** To step down the voltage and provide galvanic isolation.
2. **Optocoupler:** (e.g., PC817) To send feedback from the secondary side to the `COMP` pin.
3. **Snubber Circuit:** An RCD (Resistor-Capacitor-Diode) network to protect the MOSFET from voltage spikes.
4. **Vdd Capacitor:** To stabilize the internal supply voltage.
```c
// Typical Operation Sequence:
1. HV arrives at DRAIN pin.
2. Internal Current Source charges Vdd capacitor.
3. Vdd reaches start-up threshold (~11.5V).
4. PWM starts; MOSFET switches current through the transformer.
5. Auxiliary winding takes over supplying Vdd for efficiency.
```
- ⤷
What is the difference between VIPER53EDIP and the standard VIPER22A?
- ⤷ How do you calculate the RC values for the OSC pin?
- ⤷ What are the common failure modes for this IC in a power supply circuit?