Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • VS-16TTS..FPPBF

  • AI
    The **VS-16TTS12FPPBF** is a high-voltage Phase Control Thyristor (SCR) designed for power switching and conditioning applications. It is manufactured by Vishay and belongs to their "Standard Recovery" thyristor family. --- ### ## 1. Technical Specifications The following table summarizes the primary electrical characteristics of the VS-16TTS12FPPBF: | Parameter | Specification | | :--- | :--- | | **Device Type** | Thyristor (SCR) | | **Package** | TO-220 FullPak (Fully Insulated) | | **Max. Rated Current ($I_{T(AV)}$)** | 10 A | | **RMS On-State Current ($I_{T(RMS)}$)** | 16 A | | **Max. Peak Reverse Voltage ($V_{RRM}$)** | 1200 V | | **Max. Peak Non-Repetitive Surge ($I_{TSM}$)** | 200 A | | **Gate Trigger Current ($I_{GT}$)** | 2 - 20 mA | | **On-State Voltage Drop ($V_{TM}$)** | 1.4 V @ 16A | | **Operating Temperature** | -40°C to +125°C | --- ### ## 2. Key Features * **High Voltage Capability:** With a 1200V rating, it is suitable for industrial mains (up to 480V AC). * **TO-220 FullPak:** The "FP" in the part number indicates a fully encapsulated plastic package. This provides **2500V RMS isolation** between the internal chip and the external heatsink, eliminating the need for separate mica insulators. * **Pb-Free (PBF):** Complies with RoHS environmental standards. * **Low Gate Triggering:** Designed to be triggered by low-power logic circuits or microcontrollers via a simple optocoupler. --- ### ## 3. Typical Applications The VS-16TTS series is primarily used in AC rectification and power control: 1. **Input Rectification:** Used in the input stage of power supplies or battery chargers. 2. **Soft Start Circuits:** Limiting inrush current in AC motor drives. 3. **AC Switching:** Static switching of resistive or inductive loads. 4. **Phase Control:** Light dimmers and motor speed controllers. --- ### ## 4. Pin Configuration The device uses a standard three-pin layout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Cathode (K)** | The negative terminal of the SCR. | | 2 | **Anode (A)** | The positive terminal of the SCR. | | 3 | **Gate (G)** | The control terminal used to trigger conduction. | --- ### ## 5. Circuit Symbol Example ```mermaid graph LR A[Anode] --- D((SCR)) D --- K[Cathode] G[Gate] --- D ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this FullPak version and a standard TO-220 package?
    • ⤷ Can this SCR be used for high-frequency PWM switching?
    • ⤷ What are the recommended gate trigger circuit components for this device?