Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • VSML1206SD-R002

  • AI
    ## Technical Overview: VSML1206SD-R002 The **VSML1206SD-R002** is a high-precision, low-resistance **Current Sense Resistor** (Shunt Resistor) designed for power management and current measurement applications. It is part of the metal foil technology family, known for its stability and low noise. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 2 mΩ (0.002 Ohms) | | **Package Size** | 1206 (Metric 3216) | | **Power Rating** | 1 Watt (Standard) | | **Tolerance** | ±1.0% | | **TCR (Temperature Coefficient)** | ±50 ppm/°C | | **Operating Temperature** | -55°C to +170°C | | **Construction** | Metal Plate / Foil | --- ### 2. Internal Construction and Materials Unlike standard thick-film resistors, the VSML1206SD series utilizes a **Metal Plate Structure**. This provides several advantages: * **Heat Dissipation:** The solid metal element acts as its own heat sink, allowing the 1206 package to handle higher power (up to 1W) than standard resistors of the same size. * **Low Inductance:** The flat foil construction results in parasitic inductance typically below 5 nH, making it ideal for high-frequency switching circuits. * **Durability:** It is highly resistant to mechanical and thermal shock. --- ### 3. Application Use Cases This component is primarily used for **Current Sensing**. By placing this 2 mΩ resistor in series with a load, engineers can measure the voltage drop across it ($V = I \times R$) to determine the current flow. * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback for overcurrent protection (OCP). * **Motor Control:** Detecting phase current in small brushless DC motors. * **Mobile Devices:** Power consumption monitoring for CPU/GPU rails. --- ### 4. Layout Recommendations To ensure accuracy with a resistance as low as 2 mΩ, a **Kelvin Connection (4-Terminal)** layout is highly recommended: ```c // Design Tip: // Connect the voltage sensing traces (Sense+ and Sense-) // directly to the inner edges of the resistor pads // to avoid measuring the voltage drop of the power traces. ``` ---
    ✨ Follow-up Questions
    • ⤷What are the advantages of metal foil over thick film for current sensing?
    • ⤷ How do I calculate the voltage drop across this resistor at 10 Amps?
    • ⤷ Are there 4-terminal versions of this resistor available in the 1206 size?