W2AC-A22Y-R
AI

## Electronic Parts Analysis: W2AC-A22Y-R
The **W2AC-A22Y-R** belongs to a series of high-quality industrial components, most commonly identified as a **Pilot Light / Indicator Lamp** manufactured by **IDECO** or similar industrial control providers.
Below is a breakdown of the electronic and mechanical components that constitute this part.
---
### 1. Component Specifications
This specific model code typically refers to a **22mm LED Pilot Light**.
| Feature | Specification |
| :--- | :--- |
| **Mounting Diameter** | 22mm (Standard industrial size) |
| **Illumination Source** | LED (Light Emitting Diode) |
| **Input Voltage** | Typically 100V - 120V AC (indicated by "A22") |
| **Color** | Red (indicated by "R") |
| **Shape** | Round/Dome Flush Mount |
| **Terminal Type** | Screw Terminals (M3.5) |
---
### 2. Internal Electronic Parts
The device is not just a bulb; it contains circuitry to manage industrial power levels.
* **LED Module:** A high-intensity Red LED chip. Unlike incandescent bulbs, these offer long life (approx. 50,000+ hours) and vibration resistance.
* **Voltage Dropping Circuit:** Since the input is 120VAC, the internal PCB contains resistors or a capacitive dropper to reduce the voltage and current to levels safe for the LED (typically 2V-3.5V DC).
* **Rectifier Diode:** Converts AC input to DC to prevent the LED from flickering or being damaged by reverse voltage.
* **Current Limiting Resistor:** Ensures the LED operates within its optimal milliamp range to prevent overheating.
---
### 3. Mechanical & Physical Parts
The housing is designed for harsh industrial environments:
1. **Lens:** A red, translucent polycarbonate cover designed for high visibility and impact resistance.
2. **Bezel:** Usually made of black plastic or metallic-finish nylon to secure the unit to a control panel.
3. **Locking Nut:** A threaded ring on the back that secures the unit to the 22mm hole.
4. **Contact Block/Housing:** The rear section where the wiring is connected. It features IP65 or IP66 ingress protection to prevent dust and water from entering the panel.
---
### 4. Application Wiring
The part is wired in parallel with the load it is monitoring (e.g., a motor or a heater).
```text
L1 (Hot) ----[ Fuse ]----( Terminal X1 )
[ W2AC LED ]
L2 (Neutral) ------------( Terminal X2 )
```
---
- ⤷
What is the maximum operating temperature for this indicator light?
- ⤷ Does this model support DC voltage inputs as well?
- ⤷ What is the IP rating for the W2AC-A22Y-R series?