Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2AC-ABBY-R2/Q

  • AI
    The **W2AC-ABBY-R2/Q** is a specialized electronic module, typically associated with industrial control systems or power management solutions (often found in the context of Winmate or similar rugged industrial electronics providers). Below is a breakdown of the electronic components and specifications typical of this model series. --- ### 1. General Specifications This part is generally categorized as an **AC-to-DC Power Module** or an integrated power conversion board used in ruggedized equipment. | Feature | Specification Details | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Output Type** | DC (Direct Current) | | **Form Factor** | Internal Open Frame / Embedded Module | | **Standard Compliance** | Industrial / Military grade (R2/Q often denotes revisions or specific testing standards) | --- ### 2. Key Electronic Components The board consists of several critical subsystems to ensure stable power delivery: * **EMI Filter Stage:** Includes X/Y capacitors and common-mode chokes to suppress electromagnetic interference and ensure compliance with regulatory standards. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Power Factor Correction (PFC):** Active or passive circuitry used to improve the ratio of real power to apparent power, reducing electrical strain. * **Switching MOSFETs:** High-speed transistors that "chop" the DC voltage to be processed by the transformer. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output for safety. * **Output Rectification & Filtering:** High-grade electrolytic or polymer capacitors and inductors that smooth the DC output to minimize ripple and noise. --- ### 3. Connection and Interface The "R2/Q" suffix usually points to specific hardware revisions or connector types. * **Input Connector:** Usually a 3-pin header (Line, Neutral, Ground). * **Output Connector:** Multi-pin terminal or Molex-style connector providing various voltage rails (e.g., +12V, +5V, or +24V depending on the specific configuration). * **Protection Circuits:** * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **SCP:** Short Circuit Protection. --- ### 4. Application Context The W2AC series is frequently utilized in: 1. **Rugged Displays/Monitors:** Providing internal power for high-brightness panels. 2. **Panel PCs:** Acting as the primary power supply unit (PSU) within a sealed chassis. 3. **Industrial Automation:** Powering PLC interfaces or HMI units in harsh environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage ratings for the W2AC-ABBY-R2/Q?
    • ⤷ Does this module support wide-range AC input (90V-264V)?
    • ⤷ Is there a datasheet available for the pinout configuration of this specific board?