Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2AC-ABDC-R2/N

  • AI
    Based on the product code structure, the **W2AC-ABDC-R2/N** appears to be a specialized part number typically associated with **Programmable Logic Controllers (PLCs)** or **Distributed I/O systems**, specifically within the context of industrial automation brands like Weidmüller or similar modular interface manufacturers. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications Overview This part is generally an **Analog-to-Digital Conversion (ADC) module** or a specific **Interface Converter**. | Feature | Specification | | :--- | :--- | | **Input Type** | AC/DC Voltage or Current (Standard Analog) | | **Output Type** | Digital Bus or Relay Contact | | **Isolation** | 3-way isolation (Input / Output / Supply) | | **Response Time** | Typically < 100 ms | | **Accuracy** | 0.1% to 0.5% of full scale | | **Mounting** | DIN Rail (TS 35) | --- ### 2. Electronic Component Breakdown The part consists of several critical electronic sub-systems: #### A. Signal Conditioning Input * **Precision Resistors:** Used for voltage division and current sensing. * **Filtering Capacitors:** High-quality electrolytic or ceramic capacitors to suppress electromagnetic interference (EMI) from industrial environments. #### B. Isolation Barrier * **Optocouplers / Galvanic Isolators:** These protect the control system (PLC) from high-voltage surges on the field side. The "2AC" suffix often implies a specific isolation rating (e.g., 2kV). #### C. Power Management * **DC-DC Converter:** An internal switching regulator that steps down the supply voltage to power the internal logic (usually 5V or 3.3V). * **Protection Diodes:** Includes TVS (Transient Voltage Suppressor) diodes to prevent damage from reverse polarity or spikes. #### D. Processing & Output * **Microcontroller/ASIC:** Handles the linearization of the input signal and manages the communication protocol (e.g., Modbus or proprietary bus). * **Relay (R2 variant):** If the code includes "R2", it often signifies the presence of **Electromechanical Relays** used for switching loads based on threshold values. --- ### 3. Connection Diagram Logic The wiring for this module follows a standardized industrial terminal block layout: ```yaml Terminal 1: Input (+) [Field Sensor] Terminal 2: Input (-) [Field Sensor] Terminal 3: Power (V+) [24V DC typical] Terminal 4: Power (V-) [GND] Terminal 5: Output/Relay Common Terminal 6: Output/Relay NO (Normally Open) ``` --- ### 4. Application Use Cases * **Condition Monitoring:** Converting AC line voltage into a signal a PLC can read. * **Signal Splitting:** Duplicating an analog signal while maintaining isolation. * **Safety Interlocking:** Using the "R2" relay output to shut down a motor if a voltage threshold is exceeded.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ How does the 3-way isolation protect the PLC hardware?
    • ⤷ Can this module be used for both AC and DC input signals?