Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2AP-D2D-R/N

  • AI
    The **W2AP-D2D-R/N** is a specific electronic component, typically categorized as a **Proximity Sensor** or a **Photoelectric Switch**, often used in industrial automation. Based on standard industry naming conventions (common in brands like Panasonic/Sunx or Autonics), it is a diffuse-reflective sensor designed for detecting the presence of objects without physical contact. --- ## Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this model series: | Parameter | Specification (Typical) | | :--- | :--- | | **Sensing Type** | Diffuse-Reflective | | **Sensing Distance** | 100mm to 300mm (adjustable) | | **Supply Voltage** | 12 - 24V DC | | **Output Type** | NPN or PNP (depending on R/N suffix) | | **Operation Mode** | Light-ON / Dark-ON (Selectable) | | **Response Time** | Max 1ms | | **Current Consumption** | < 30mA | --- ## Core Electronic Components The "parts" inside the W2AP-D2D-R/N consist of an optical system and a signal processing circuit: ### 1. The Emitter (Light Source) * **Component:** Infrared (IR) or Red LED. * **Function:** Projects a beam of light toward the target area. In the "Diffuse" model, it relies on the light bouncing off the object itself rather than a reflector. ### 2. The Receiver (Photodetector) * **Component:** Phototransistor or Photodiode. * **Function:** Detects the intensity of light reflected back from the object. If the intensity exceeds a set threshold, the sensor triggers. ### 3. Signal Conditioning Circuit * **Oscillator:** Modulates the light beam at a specific frequency to prevent interference from ambient sunlight or room lighting. * **Comparator/Amplifier:** Compares the received signal against a reference voltage set by the sensitivity potentiometer. ### 4. Output Stage (The "R/N" Designation) This part of the model number defines how the sensor communicates with a PLC or controller: * **N (NPN Output):** Switches the Negative (Ground) line. Common in Asian markets. * **R (Relay or PNP):** Depending on the specific manufacturer, "R" can denote a Relay contact output or a PNP (Positive) sourcing output. --- ## Wiring Logic The sensor usually features a 3-wire or 4-wire configuration: ```text Brown Wire : +V (12-24V DC) Blue Wire : 0V (Ground) Black Wire : Control Output (Signal) White Wire : Mode Selection (Light-ON vs Dark-ON) ``` --- ## Applications * **Conveyor Systems:** Detecting boxes or parts. * **Packaging Machinery:** Monitoring film or container presence. * **Level Control:** Detecting the height of materials in a bin.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP wiring in industrial sensors?
    • ⤷ How do I adjust the sensitivity potentiometer on a diffuse-reflective sensor?
    • ⤷ Can this sensor detect transparent objects like glass or clear plastic?