Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2AP-D35-R

  • AI
    The **W2AP-D35-R** is an industrial-grade **Dual-Band Wi-Fi 6 (802.11ax) Wireless Access Point**. It is designed for high-density environments, offering robust connectivity and advanced networking features. Below is a breakdown of its key electronic specifications and features. --- ### 1. Hardware Specifications The device utilizes high-performance radio modules and processing units to handle multiple simultaneous connections. | Feature | Specification | | :--- | :--- | | **Standard** | Wi-Fi 6 (IEEE 802.11ax) | | **Frequency Bands** | 2.4 GHz & 5 GHz (Dual-Band) | | **Max Throughput** | Up to 3000 Mbps (Combined) | | **MIMO Technology** | 2x2 MU-MIMO | | **Ethernet Ports** | 1x 10/100/1000 Base-T (RJ-45) | | **Power Supply** | PoE (Power over Ethernet) 802.3at or DC 12V | | **Antenna Type** | Internal High-Gain Omni-directional | --- ### 2. Core Electronic Components & Technologies #### A. Wi-Fi 6 Chipset Capabilities * **OFDMA (Orthogonal Frequency Division Multiple Access):** Allows the AP to serve multiple users simultaneously by dividing a single channel into smaller sub-channels, reducing latency. * **1024-QAM:** Increases data encoding efficiency, allowing for a 25% increase in throughput compared to Wi-Fi 5 (256-QAM). * **BSS Coloring:** Minimizes interference from neighboring networks by "coloring" the packets, allowing the device to ignore traffic from other sources on the same frequency. #### B. Power Management The device is primarily powered via **PoE (802.3at)**. This electronic setup allows both data and electricity to travel over a single Ethernet cable, simplifying installation in ceilings or remote locations. It also includes integrated surge protection to safeguard the internal circuitry from voltage spikes. #### C. RF (Radio Frequency) Front-End The W2AP-D35-R contains dedicated **Power Amplifiers (PA)** and **Low Noise Amplifiers (LNA)** for each band. * The **PA** boosts the outgoing signal for better range. * The **LNA** increases the sensitivity to weak signals returning from client devices (like smartphones). --- ### 3. Physical & Environmental Build Designed for durability, the internal PCB (Printed Circuit Board) is housed in a heat-dissipating enclosure. * **Heat Dissipation:** Uses internal heat sinks to maintain stable performance under heavy CPU load. * **Security:** Supports **WPA3**, the latest encryption standard, which requires specialized hardware-level processing for simultaneous authentication of equals (SAE). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption requirements for the W2AP-D35-R?
    • ⤷ Does this model support seamless roaming protocols like 802.11k/v/r?
    • ⤷ How many concurrent client devices can this access point handle?