Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2CA-1DB-R2/N

  • AI
    ## Technical Overview: W2CA-1DB-R2/N The **W2CA-1DB-R2/N** is a specific electronic component typically categorized under **limit switches** or **position sensors**, manufactured by **Omron**. This specific model belongs to the **WL-N** or **W2CA** series, known for its high durability and environmental resistance in industrial automation. --- ### 1. General Specifications Below is a breakdown of the primary technical characteristics for this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Limit Switch / Position Switch | | **Actuator Type** | Roller Lever (Adjustable) | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Housing Material** | Die-cast Aluminum | | **Environmental Rating** | IP67 (Waterproof and Dustproof) | | **Operating Temperature** | -10°C to +80°C | --- ### 2. Key Features The W2CA-1DB-R2/N is designed for heavy-duty industrial environments. Key features include: * **Twin-seal Construction:** The "R2" designation often implies a reinforced seal (such as a nitrile rubber diaphragm) to prevent oil, water, or coolant from entering the internal switch mechanism. * **LED Indicator:** The "/N" suffix usually denotes the inclusion of a neon or LED operation indicator, allowing technicians to verify the switch state visually at a glance. * **Mechanical Durability:** Built for millions of operations, utilizing a robust internal spring mechanism to ensure consistent contact pressure. * **Adjustable Actuator:** The roller lever can be adjusted to various angles to accommodate different mechanical cam shapes or approach directions. --- ### 3. Electrical Ratings The electrical performance is critical for integrating this part into a PLC (Programmable Logic Controller) or safety circuit. ```yaml Electrical_Ratings: AC_Voltage: 125V, 250V, 480V AC_Current: 10A (Resistive Load) DC_Voltage: 125V, 250V DC_Current: 0.8A (Resistive Load) Inrush_Current: - N.C.: 30A max. - N.O.: 20A max. ``` --- ### 4. Typical Applications * **Machine Tools:** Detecting the position of a sliding table or tool head. * **Conveyor Systems:** Sensing the presence or passage of boxes/pallets. * **Automotive Assembly:** Heavy-duty sensing where oil and coolants are present. * **Robotics:** End-of-travel limits for large robotic arms.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the N.O. and N.C. terminals for this switch?
    • ⤷ How does the 'R2' sealing compare to standard IP65 ratings in oily environments?
    • ⤷ Can this switch be used directly with a 24V DC PLC input?