Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2CE-1DC-R

  • AI
    The **W2CE-1DC-R** is a specific electronic component, typically categorized as a **Terminal Block Connector** or a **Terminal Interface Module**, often used in industrial automation and control systems. Below is a detailed breakdown of its electronic parts and technical characteristics. --- ### 1. Technical Specifications The device acts as a bridge between high-density controller outputs (like PLCs) and field wiring. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Relay Terminal / Interface Module | | **Number of Points** | 1 Channel (or Single Module configuration) | | **Operating Voltage** | 24V DC (Common for '1DC' series) | | **Current Rating** | Depends on specific relay (typically 5A to 10A) | | **Mounting Type** | DIN Rail Mounting | | **Termination Style** | Screw or Spring Terminal | --- ### 2. Key Electronic Components The internal structure of the W2CE-1DC-R consists of several critical parts that ensure signal integrity and circuit protection: #### A. The Relay (Electromagnetic Switch) * **Function:** This is the primary switching element. It uses a low-power DC signal to control a high-power AC or DC load. * **Isolation:** Provides galvanic isolation between the control logic (PLC) and the field device (Motor, Valve, etc.). #### B. Flyback Diode (Protection) * **Function:** Connected in parallel with the relay coil. * **Purpose:** It suppresses the voltage spikes (Inductive Kickback) generated when the relay coil is de-energized, protecting the upstream PLC transistors from damage. #### C. LED Status Indicator * **Function:** A small Light Emitting Diode integrated into the board. * **Purpose:** Provides immediate visual feedback on whether the channel is active or receiving power. #### D. PCB Trace Design * **Function:** High-quality copper traces on a flame-retardant substrate. * **Purpose:** Designed to handle specific current loads without overheating, ensuring long-term reliability in industrial environments. --- ### 3. Application Use Cases * **Signal Conversion:** Converting a 24V DC PLC signal to switch a 230V AC motor starter. * **Safety Interlocks:** Providing a dry contact for emergency stop circuits. * **Wiring Efficiency:** Reducing the mess of point-to-point wiring in a control cabinet. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2CE-1DC-R?
    • ⤷ How do I wire the common terminal for this module?
    • ⤷ Are there multi-channel versions available in this series?