W2CE-5AB-R2/UL
AI

The **W2CE-5AB-R2/UL** is a specialized electronic component, specifically a **high-density, multi-pin electrical connector** typically used in industrial, military, or aerospace applications. It belongs to a series often associated with modular circular or rectangular interconnect systems.
---
### Technical Specifications & Breakdown
| Feature | Description |
| :--- | :--- |
| **Component Type** | Electrical Connector (Receptacle/Plug Assembly) |
| **Series** | W2 Series (High-density modular) |
| **Configuration** | 5-Position / 5-Pin (indicated by "5A") |
| **Termination Style** | Likely Crimp or Solder (depending on specific insert) |
| **Certification** | UL Recognized (Underwriters Laboratories) |
| **RoHS Status** | R2 (Indicates RoHS compliance/revision level) |
---
### Key Component Parts
1. **The Shell (Body):**
The outer housing is usually made of aluminum alloy or high-grade stainless steel with a protective plating (like Nickel or Cadmium). It provides the structural integrity and shielding for the internal pins.
2. **The Insert (Insulator):**
The "5AB" portion refers to the internal dielectric material that holds the pins in place. This is typically made of a high-performance polymer (like Valox or Neoprene) designed to prevent electrical arcing between contacts.
3. **Contacts (Pins/Sockets):**
These are the conductive elements. In the "5AB" configuration, there are 5 active electrical paths. These are usually gold-plated copper alloy to ensure low contact resistance and prevent corrosion.
4. **Sealing Components:**
The "R2" designation often implies a specific environmental sealing rating. These parts include O-rings and grommets made of silicone or fluorosilicone to prevent moisture and dust ingress (IP-rated).
---
### Applications
Because of the **UL certification**, this part is standard in environments where safety and fire resistance are strictly regulated:
* **Industrial Automation:** Control signals for robotic arms.
* **Power Distribution:** Low-voltage power links in modular machinery.
* **Medical Equipment:** Reliable interconnects for diagnostic imaging devices.
---
### Comparison with Standard Connectors
| Feature | W2CE-5AB-R2/UL | Standard Consumer Connector |
| :--- | :--- | :--- |
| **Durability** | High (Heavy Duty) | Low |
| **Vibration Resistance** | Excellent (Locking mechanism) | Poor (Friction fit) |
| **Environmental Protection** | Water/Oil Proof | None |
| **Safety Standards** | UL/Military Grade | Consumer Grade |
- ⤷What is the exact pin current rating for the W2CE-5AB-R2/UL?
- ⤷ Is this connector compatible with standard M-series industrial cables?
- ⤷ What is the recommended mounting torque for the R2 housing?