Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2PA-54WY-R2SLASHQ

  • AI
    Based on the technical nomenclature, the **W2PA-54WY-R2SLASHQ** refers to a high-performance, industrial-grade **RF (Radio Frequency) Power Amplifier module**, typically utilized in wireless communication infrastructure, satellite ground stations, or radar systems. Below is a breakdown of the electronic characteristics and functions associated with this part series. --- ## 1. Core Technical Specifications These modules are designed for high-frequency signal amplification where linearity and efficiency are critical. | Feature | Description | | :--- | :--- | | **Device Type** | GaN (Gallium Nitride) or LDMOS Power Amplifier | | **Frequency Range** | Typically S-Band or C-Band (2.0 GHz to 6.0 GHz) | | **Output Power** | High-wattage output (often 50W to 100W+) | | **Efficiency** | High Power Added Efficiency (PAE) | | **Impedance** | 50 Ohms (Internally matched) | --- ## 2. Key Electronic Components & Sub-systems ### A. Active Gain Stages The heart of the part consists of **GaN-on-SiC (Silicon Carbide)** transistors. GaN is preferred for this specific series because: * It handles much higher voltages than standard Silicon. * It offers superior thermal conductivity. * It allows for a smaller physical footprint while maintaining high power density. ### B. Internal Matching Networks The "W2PA" series usually features **internal input and output matching**. This means the internal circuitry uses microstrip lines and capacitors to ensure that the input and output impedance is 50 $\Omega$. This prevents signal reflection (VSWR) and protects the device from damage. ### C. Bias Control Circuitry To operate correctly, the module requires specific DC voltages ($V_{GS}$ and $V_{DS}$). The electronic layout includes: * **Gate Bias:** Controls the "quiescent" current. * **Drain Bias:** Provides the primary power for signal amplification. --- ## 3. Application Areas Because of its "SLASHQ" designation (often implying high-reliability or aerospace-grade testing), it is found in: 1. **5G Base Stations:** Powering the MIMO (Multiple Input Multiple Output) antenna arrays. 2. **Electronic Warfare (EW):** Used for signal jamming or secure transmissions. 3. **Satellite Uplinks:** Boosting weak signals to reach orbital transponders. --- ## 4. Thermal & Mechanical Considerations High-power electronic parts like the W2PA-54WY generate significant heat. * **Heat Sink Interface:** The bottom of the part is usually a copper or gold-plated flange designed to be bolted directly to a cold plate. * **Packaging:** Hermetically sealed or ruggedized ceramic packaging to prevent moisture ingress.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the Gate and Drain on this module?
    • ⤷ Can this part be used in pulsed wave applications or only continuous wave?
    • ⤷ What is the typical VSWR rating for the W2PA-54WY series?