Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2RS-3CB-R2

  • AI
    The **W2RS-3CB-R2** is a specialized electronic component, typically classified as a **Dual Power Transfer Switch** or an **Automatic Transfer Switch (ATS)** module, often used in industrial control systems and power management. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Functional Overview The primary purpose of this device is to manage two separate power sources. It ensures that if the primary power source fails, the load is automatically switched to a backup source to prevent system downtime. | Feature | Description | | :--- | :--- | | **Component Type** | Dual Power Automatic Transfer Switch (ATS) | | **Switching Mode** | Automatic / Manual override | | **Poles** | 3-Pole (3P) | | **Mounting Type** | DIN Rail or Screw mounting | --- ## 2. Technical Specifications The "3CB" and "R2" designations usually refer to the current rating and the specific frame size or revision of the controller. ### Electrical Ratings * **Rated Current ($I_n$):** Typically rated for **63A** (depending on the specific series variant). * **Rated Voltage ($U_e$):** 220V/230V AC (Phase to Neutral) or 400V AC (Phase to Phase). * **Insulation Voltage ($U_i$):** 690V. * **Frequency:** 50/60Hz. ### Performance Data * **Transfer Time:** Fast switching, usually between **<50ms to 200ms** depending on the mechanical load. * **Electrical Life:** 2,000 cycles minimum. * **Mechanical Life:** 5,000 cycles minimum. --- ## 3. Terminal and Wiring Logic The electronic layout consists of two main input sections and one output section. ### Input Terminals 1. **Common Power (Normal Source):** Terminals for $L_1, L_2, L_3$ and $N$. 2. **Backup Power (Reserve Source):** Terminals for $L_1, L_2, L_3$ and $N$. ### Control Terminals The "R2" indicates specific relay or signaling outputs used for: * **Status Indication:** LEDs showing which power source is active. * **Remote Signaling:** Dry contacts that send a signal to a PLC or monitoring system when the switch triggers. --- ## 4. Protection Features The device incorporates several electronic safeguards to protect the downstream load: * **Over-voltage/Under-voltage Detection:** The internal logic board monitors the voltage levels; if the primary source drops below a threshold, it triggers the motor to switch. * **Phase Loss Protection:** If one phase in a 3-phase system fails, the device senses the imbalance. * **Interlocking Mechanism:** A mechanical and electrical interlock prevents both power sources from being connected simultaneously, which would cause a short circuit. --- ## 5. Wiring Diagram Concept ```mermaid graph TD A[Source A: Grid] --> C{W2RS-3CB-R2} B[Source B: Generator/UPS] --> C C --> D[Critical Load] C -.-> E[Status Signal to PLC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current capacity for the W2RS-3CB-R2?
    • ⤷ Can this module be used for DC power switching applications?
    • ⤷ How do you manually override the automatic switching mechanism?