Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2SP-1B4-R2/N

  • AI
    The **W2SP-1B4-R2/N** refers to a high-performance **Industrial Panel PC / Workstation** component, typically associated with the W2SP series manufactured by companies like **Advantech** or specialized industrial computing providers. These units are designed for rugged environments and human-machine interface (HMI) applications. --- ### 🛠️ Technical Specifications Table | Feature | Description / Specification | | :--- | :--- | | **Component Category** | Industrial Panel PC / Workstation Module | | **Display Type** | Typically 15" - 21" Industrial Grade LCD | | **Processor Support** | Intel Core i3/i5/i7 or Celeron (Generation dependent) | | **Mounting Style** | Panel Mount / VESA Mount | | **Input Voltage** | 12V - 24V DC (Industrial standard) | | **Ingress Protection** | Front panel IP65/IP66 (Water/Dust resistant) | | **Communication** | Dual Gigabit Ethernet, USB 3.0, RS-232/422/485 | --- ### 🔌 Key Electronic Sub-Systems #### 1. The Mainboard (SBC) The heart of the unit is a **Single Board Computer (SBC)**. Unlike consumer PCs, these boards use high-quality solid capacitors to withstand high temperatures and vibration. They often feature an "all-in-one" design to minimize internal cabling, which is a common point of failure in industrial settings. #### 2. Power Supply Unit (PSU) - DC-to-DC The "R2/N" designation often implies specific power or revision configurations. These units utilize a **DC-to-DC wide-range power converter**. This allows the device to handle fluctuations in factory power grids and protects the sensitive logic circuits from electromagnetic interference (EMI). #### 3. Touchscreen Controller The "1B4" segment usually denotes the touch technology, likely a **Projected Capacitive (PCAP)** or **5-wire Resistive** touch controller. * **PCAP:** Multi-touch, scratch-resistant glass. * **Resistive:** Operable with heavy industrial gloves. #### 4. Thermal Management Since these are often fanless units, they rely on a **Passive Cooling System**. The electronic components are thermally coupled to the aluminum rear chassis, which acts as a giant heat sink to dissipate heat without drawing in dust or metallic shavings. --- ### 📁 Sample Connectivity Configuration (Example Block) ```yaml Connectivity: Ethernet: 2 x RJ45 (10/100/1000 Mbps) Serial: 2 x DB9 (COM1/COM2) Video Out: 1 x HDMI / 1 x DisplayPort (for secondary monitor) Expansion: 1 x Mini-PCIe (usually for Wi-Fi or LTE modules) Storage: 1 x mSATA or 2.5" SSD Bay ``` --- ### ⚠️ Integration Notes * **Environment:** Ensure the ambient temperature does not exceed the rated 50°C - 60°C. * **Grounding:** The "N" in some nomenclature indicates specific grounding or neutral requirements for the chassis to prevent static buildup on the touch surface.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the W2SP series?
    • ⤷ How does the IP65 rating affect the maintenance of the internal electronics?
    • ⤷ Can the storage on this unit be upgraded to NVMe?