Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2SP-2A2-R2/N

  • AI
    The **W2SP-2A2-R2/N** belongs to a series of high-performance **Signal Conditioners** (specifically an isolating transmitter) manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals between field sensors and control systems (like PLCs or DCS). --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Model Series** | W2SP (Ultra-slim Signal Conditioner) | | **Input Signal** | DC Current or Voltage (Variable based on configuration) | | **Output 1** | 4 – 20 mA DC | | **Output 2** | 1 – 5 V DC | | **Power Input** | 24 V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | | **Accuracy** | ±0.1% of span | --- ### 2. Breakdown of the Model Code To understand the electronic capabilities, we can decode the part number: * **W2SP**: The series identifier. "W2" indicates a **Dual Output** signal conditioner in a slim-line housing (approx. 5.9 mm width). * **2A2**: * **2**: Input signal type (often 4–20 mA DC). * **A**: Output 1 (4–20 mA DC). * **2**: Output 2 (1–5 V DC). * **R2**: Indicates the power supply requirement, typically **24V DC**. * **N**: Compliance or special feature suffix (often denoting specific terminal types or standard non-explosion proof options). --- ### 3. Electronic Functional Blocks The internal circuitry of the W2SP-2A2-R2/N consists of four primary stages: #### A. Input Stage Includes a precision shunt resistor or an operational amplifier circuit to receive the field signal. It features surge protection to prevent damage from transient voltages. #### B. Isolation Barrier Uses **Optical or Magnetic Coupling** to separate the input, output, and power circuits. This is critical for: * Breaking ground loops. * Protecting control equipment from high-voltage surges in the field. * Reducing signal noise. #### C. Signal Conversion & Scaling The "brains" of the unit. It takes the isolated input and scales it linearly to match the dual output requirements (current and voltage simultaneously). #### D. Dual Output Drivers High-precision analog drivers that ensure the 4-20mA loop has enough compliance voltage to drive long-distance wires, and the 1-5V output maintains stability for local monitoring. --- ### 4. Application Example ```python # Conceptual Logic: How a PLC interacts with the W2SP sensor_input = "4-20mA from Field" # The W2SP performs: output_1 = sensor_input # Loop to PLC Input output_2 = convert_to_volts(sensor_input) # 1-5V to local Chart Recorder # Result: # Total isolation ensures the Sensor ground # does not interfere with the PLC ground. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this circuit?
    • ⤷ Can the input range be field-reconfigured or is it fixed?