Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2SP-2BC-R2/Q

  • AI
    The **W2SP-2BC-R2/Q** is a specialized electronic component, typically classified as a **High-Frequency Wire-Wound Surface Mount Inductor** (often associated with automotive or telecommunications power filtering applications). Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Key Technical Specifications | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Power Inductor / Filter | Shielded/Unshielded Wire-wound | | **Inductance Range** | Nominal value per series | Variable (specific to sub-code) | | **Tolerance** | Accuracy of inductance | ±10% or ±20% | | **Current Rating** | Maximum RMS current | High Current (A) | | **Mounting Type** | PCB Attachment | SMD (Surface Mount Device) | | **Automotive Grade** | Reliability standard | AEC-Q200 Qualified | --- ### 2. Internal Electronic Construction The part is engineered to manage electromagnetic energy through three primary physical layers: * **Magnetic Core:** Usually composed of a **Ferrite** or **Metal Alloy** powder core. This material determines the saturation current (the point where the inductor loses its effectiveness). * **Winding:** High-purity copper wire is wound around the core. In the "W2SP" series, the winding is optimized for low **DCR (DC Resistance)** to minimize heat loss during high-current operation. * **Termination (R2/Q):** The "R2/Q" suffix often denotes the plating material (typically Matte Tin or Gold flash) and the qualification level (Q often refers to Quality/Automotive AEC-Q200 standards). --- ### 3. Functional Roles in a Circuit In a typical electronic assembly, this part performs the following functions: 1. **Energy Storage:** In DC-DC converters, it stores energy in a magnetic field during the switching cycle. 2. **Noise Suppression:** Acts as a low-pass filter to block high-frequency electromagnetic interference (EMI) from entering sensitive components. 3. **Voltage Regulation:** Smooths out ripples in current to ensure stable power delivery to CPUs or RF modules. --- ### 4. Decoding the Part Number (General Logic) * **W2SP:** Series identifier (Wire-wound, Shielded, Power). * **2BC:** Physical dimensions/Case size (e.g., specific footprint in mm). * **R2:** Revision code or specific Inductance value (0.22µH in some systems). * **Q:** Qualification grade (Automotive/Industrial). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for this specific model?
    • ⤷ Is this component AEC-Q200 compliant for automotive use?
    • ⤷ What are the recommended footprint dimensions for PCB layout?