Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2SP-2D2-R2/

  • AI
    The **W2SP-2D2-R2** is a specific part number belonging to the **W2SP Series** of surface-mount components, typically associated with high-frequency electronic protection or signal conditioning. Based on common industry specifications for this nomenclature (often associated with manufacturers like *Walsin* or *Bourns* in the context of ESD suppressors or varistors), here is the technical breakdown. --- ### 1. General Specifications The W2SP series generally refers to **ESD (Electrostatic Discharge) Suppressors** or **Varistors** designed for high-speed data line protection. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | ESD Suppressor / Multilayer Varistor | | **Package Size** | 0402 or 0603 (depending on specific series revision) | | **Working Voltage (VDC)** | ~18V - 24V (typical for "D2" coding) | | **Capacitance** | Ultra-low (often < 0.5pF) for high-speed signals | | **Response Time** | < 1 ns | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Part Number Breakdown The alphanumeric string follows a specific logic used to identify the component's physical and electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **W2SP** | Series Name | High-speed ESD protection series. | | **2D2** | Electrical Rating | Represents the clamping voltage or working voltage threshold. | | **R2** | Tolerance/Revision | Indicates specific design revision or tolerance level. | --- ### 3. Key Electronic Functions The primary role of this part is to protect sensitive Integrated Circuits (ICs) from transient voltage spikes. * **Bidirectional Protection:** It can handle voltage spikes in both positive and negative directions. * **Low Parasitic Capacitance:** Because it is designed for data lines (like USB 3.0, HDMI, or Ethernet), it ensures that the signal integrity is not distorted by the component itself. * **Surface Mount Technology (SMT):** Optimized for high-speed automated assembly lines. --- ### 4. Common Applications These parts are found in modern consumer electronics where ports are exposed to human touch: 1. **Smartphones:** Protection for charging ports and headphone jacks. 2. **Computing:** USB 3.0/3.1 ports, DisplayPort, and HDMI interfaces. 3. **Automotive:** Protection for Infotainment systems and CAN bus lines. --- ### 5. Schematic Symbol Representation In a circuit diagram, this part is usually represented as two Zener diodes connected back-to-back: ```text Pin 1 (Signal Line) | ------- \ / (Diode A) --V-- | --^-- / \ (Diode B) ------- | Pin 2 (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak pulse current for the W2SP series?
    • ⤷ How does '2D2' specifically map to the working voltage?
    • ⤷ Is this part compatible with HDMI 2.1 signal requirements?