Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2TS-0BA-R2

  • AI
    The **W2TS-0BA-R2** is a specialized electronic component primarily categorized as a **Surface Mount (SMT) Grounding / Shielding Terminal** or a "Spring Finger" (also known as a Shield Finger or Grounding Clip). These parts are critical in modern electronics for ensuring electromagnetic compatibility (EMC) and providing reliable electrical grounding between a Printed Circuit Board (PCB) and an external component (like a metal chassis or shield can). --- ### 1. Technical Specifications The following table outlines the typical physical and electrical characteristics of this type of component: | Feature | Specification Details | | :--- | :--- | | **Part Category** | Spring Finger / Grounding Terminal | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Material** | Stainless Steel or Copper Alloy (typically Gold or Tin plated) | | **Plating** | Gold (Au) is common for high conductivity and oxidation resistance | | **Contact Type** | Pressure Contact (Elastic) | | **Packaging** | Tape & Reel (for automated pick-and-place) | --- ### 2. Key Electronic Functions The W2TS-0BA-R2 serves three primary roles within a circuit assembly: 1. **EMI/RFI Shielding:** It bridges the gap between the PCB ground plane and the device's metal housing, preventing electromagnetic interference from entering or escaping the device. 2. **Electrical Grounding:** It provides a low-resistance path to ground for static electricity or return currents. 3. **Antenna Feed:** In mobile devices, these springs are often used to connect the PCB to an integrated antenna located on the device casing. --- ### 3. Physical Design Characteristics The "R2" suffix usually refers to specific dimensions or packaging variations. Key design elements include: * **Pre-loaded Design:** The spring is shaped to maintain a specific "force" when compressed, ensuring a stable connection even under vibration. * **Solder Pegs/Pads:** The bottom surface is designed for standard reflow soldering. * **Anti-Snag Features:** The geometry is often curved to prevent the part from catching on other components during the assembly of the final product housing. --- ### 4. Common Applications * **Mobile Handsets:** Connecting the logic board to the internal metal frame. * **Laptops/Tablets:** Grounding the LCD bezel or keyboard tray. * **Wearables:** Providing compact grounding in space-constrained GPS or Bluetooth modules. * **Industrial Sensors:** Shielding sensitive analog signals from high-frequency noise.
    ✨ Follow-up Questions
    • ⤷ What are the specific height and compression range dimensions for the W2TS-0BA-R2?
    • ⤷ How does gold plating compare to tin plating for this specific grounding part?
    • ⤷ What is the recommended solder paste profile for mounting these spring fingers?