Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2TS-223-R2

  • AI
    The **W2TS-223-R2** is a specific model within the series of industrial industrial control components, typically categorized as a **Selector Switch** or **Pilot Device** assembly. Specifically, it is part of the 22mm diameter mounting range, which is the global standard for industrial control panels. ### 1. Component Specifications The following table outlines the primary electrical and mechanical characteristics of the W2TS-223-R2. | Specification | Details | | :--- | :--- | | **Mounting Diameter** | 22mm (Standard) | | **Switch Action** | 3-Position Maintained (Stay-put) | | **Contact Configuration** | 2 NO (Normally Open) | | **Rated Voltage** | 600V AC/DC (Max Insulation) | | **Thermal Current ($I_{th}$)** | 10A | | **Ingress Protection** | IP65 / NEMA 4X (Water/Dust Resistant) | | **Operator Type** | Standard Handle Selector | --- ### 2. Detailed Electronic Parts Breakdown The unit is a modular assembly consisting of three core segments: #### A. The Operator (Head) * **Handle:** The physical lever turned by the user. The "223" code denotes a 3-position logic ($45^\circ$ throw). * **Bezel:** Usually chrome or reinforced plastic, designed to secure the device to the panel door. * **Mechanical Interlock:** A spring-loaded mechanism that ensures the switch clicks into place and stays there (Maintained action). #### B. The Contact Block(s) The "R2" suffix typically indicates the specific contact block arrangement: * **2 NO Blocks:** It contains two separate contact units. * **Contact Material:** Usually silver alloy to prevent oxidation and ensure high conductivity over thousands of cycles. * **Terminal Screws:** Includes pressure plates for secure wiring of stranded or solid copper wires. #### C. The Mounting Adapter * This is the bridge between the operator and the contact blocks. It allows the blocks to be snapped on or removed without uninstalling the entire switch from the panel. --- ### 3. Truth Table (Logic States) The electronic behavior of the 2 NO contacts based on the handle position: | Handle Position | Left Contact (NO 1) | Right Contact (NO 2) | | :--- | :--- | :--- | | **Left ($45^\circ$)** | Closed (ON) | Open (OFF) | | **Center ($0^\circ$)** | Open (OFF) | Open (OFF) | | **Right ($45^\circ$)** | Open (OFF) | Closed (ON) | --- ### 4. Wiring Diagram Example In a standard control circuit, the wiring would follow this logic: ```mermaid graph LR L1(Line Voltage) --> Input1[Contact 1 Terminal] L1(Line Voltage) --> Input2[Contact 2 Terminal] Input1 -- (Switch Left) --> Load1[Motor/Relay A] Input2 -- (Switch Right) --> Load2[Motor/Relay B] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 'Maintained' and 'Spring Return' for this model?
    • ⤷ Can I add more contact blocks to the W2TS-223-R2?
    • ⤷ What are the environmental limitations for IP65 rated switches?