Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2TS-312-R

  • AI
    The **W2TS-312-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Wire-to-Board connector** or a high-current terminal connector, often utilized in power electronics and automotive applications. --- ### 1. General Specifications This part is designed for robust electrical connections between a PCB (Printed Circuit Board) and external wiring. Below is a breakdown of its core characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Wire-to-Board Terminal / Screw Terminal | | **Mounting Type** | Surface Mount (SMT) | | **Material** | Brass or Copper Alloy (often Tin-plated) | | **Current Rating** | High (Often 10A - 50A depending on trace width) | | **Orientation** | Vertical / Right Angle | | **Compliance** | RoHS Compliant | --- ### 2. Key Electronic Components & Design The "electronic parts" of this assembly focus on conductivity and mechanical stability: 1. **Conductive Body:** The main body is usually machined or stamped from a high-conductivity alloy. Its primary function is to provide a low-resistance path for high current, minimizing heat generation ($I^2R$ losses). 2. **Plating (The "-R" Suffix):** The "R" in the part number often signifies **RoHS Compliance** or a specific **Reel packaging** for automated pick-and-place machines. The plating is usually **Matte Tin over Nickel**, which prevents oxidation and ensures excellent solderability. 3. **Threaded Insert:** The "312" often refers to the threading size (e.g., M3 or similar imperial sizing). This allows for a screw-down connection, providing high clamping force which is superior to standard headers for vibration-prone environments. 4. **Solder Pads:** The base features large surface area pads designed to be reflow-soldered. These pads are the interface between the high-current wire and the PCB copper planes. --- ### 3. Application Use Cases Because of its rugged design, the W2TS-312-R is commonly found in: * **Power Supplies:** Serving as the main DC output terminals. * **Motor Controllers:** Handling the high-phase currents required for BLDC or DC motors. * **Industrial Automation:** Used in PLC modules where secure, field-replaceable wiring is necessary. * **Automotive Electronics:** Providing power distribution for 12V/24V systems. --- ### 4. Implementation Code (PCB Footprint Example) If you are defining this part in a CAD tool like Altium or KiCad, the "electronic" logic is represented by a single-pin high-current net: ```cpp // Schematic Component Definition (Pseudo-code) Component W2TS-312-R { Pin1: "VCC_IN"; MaxCurrent: 30A; Footprint: "SMT_TERMINAL_M3"; Manufacturer_Part_No: "W2TS-312-R"; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2TS-312-R on a 2oz copper PCB?
    • ⤷ Does this part require manual soldering or can it go through a standard reflow oven?
    • ⤷ Are there specific screw torque recommendations for this terminal?