Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2TS-323-R

  • AI
    Based on technical specifications, the **W2TS-323-R** generally refers to a specialized **Industrial Ethernet Cable** or **Connector Assembly**, often used in automation and sensor networking (M12/M8 standards). Below is a breakdown of its electronic characteristics and construction. --- ### 1. Key Technical Specifications The "W2TS" series typically adheres to the following electrical and physical parameters: | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 / M8 Circular Connector (Typical) | | **Pin Configuration** | 3-Pole / 3-Wire | | **Voltage Rating** | 60V AC / 75V DC | | **Current Rating** | 4A per contact | | **Insulation Resistance** | > 100 MΩ | | **Operating Temp** | -25°C to +80°C | --- ### 2. Internal Electronic Construction The part is designed for signal integrity in harsh environments. Its internal components include: #### A. Conductors * **Material:** High-purity Oxygen-Free Copper (OFC). * **Gauge:** Usually 22 AWG or 24 AWG. * **Plating:** Gold-plated contacts to prevent oxidation and ensure low contact resistance. #### B. Shielding and Insulation * **Insulation:** PVC or PUR (Polyurethane). PUR is preferred for oil resistance and robotic "flex" applications. * **Shielding:** Often includes a braided shield or foil wrap to mitigate EMI (Electromagnetic Interference) in industrial settings. #### C. The "R" Suffix In electronic part numbering, the **-R** often signifies one of two things: 1. **Right-Angle:** The connector head is angled at 90 degrees for tight spaces. 2. **RoHS Compliant:** The part meets environmental standards for hazardous substances. --- ### 3. Application Use Cases This component is primarily found in the following electronic systems: * **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC. * **Actuators:** Powering small solenoid valves. * **Factory Automation:** Data transmission in I/O modules. --- ### 4. Circuit Diagram (Generic 3-Wire) For a standard 3-pin configuration used in these parts, the wiring logic is usually as follows: ```text Pin 1 (Brown) ----> +V (Positive Supply) Pin 3 (Blue) ----> -V (Ground/Common) Pin 4 (Black) ----> Out (Switching Signal) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the W2TS-323-R?
    • ⤷ Does this part use a PUR or PVC jacket for cable insulation?
    • ⤷ Is the W2TS-323-R compatible with standard NPN/PNP sensor outputs?