Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • W2XM-1V3V3-R2/N

  • AI
    The **W2XM-1V3V3-R2/N** is a specialized precision signal conditioner (isolator) manufactured by **M-System** (now part of MG CO., LTD.). This device is designed to convert a DC input signal into two isolated DC output signals, often used in industrial automation and telemetry. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Series** | W2XM (Mini-M Ultra-Slim Signal Conditioner) | | **Input Signal** | 1 to 5V DC | | **Output 1** | 1 to 5V DC | | **Output 2** | 1 to 5V DC | | **Power Input** | 24V DC | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | | **Accuracy** | ±0.1% | --- ### 2. Breakdown of the Part Number The alphanumeric suffix defines the specific hardware configuration: 1. **W2XM**: The base series (Ultra-Slim Signal Splitter/Conditioner). 2. **1**: Input Code (1 to 5V DC). 3. **V3**: Output 1 Code (1 to 5V DC). 4. **V3**: Output 2 Code (1 to 5V DC). 5. **R2**: Power Input (24V DC). 6. **N**: Option Code (Standard, no special coating/options). --- ### 3. Key Electronic Components & Internal Logic While the exact internal schematic is proprietary, these devices typically consist of three primary electronic stages: #### A. Input Stage * **High Impedance Buffer:** Captures the 1-5V signal without loading the source sensor. * **A/D Converter or Chopper Circuit:** Converts the analog voltage into a high-frequency signal for transformer coupling. #### B. Isolation Barrier * **Magnetic or Optical Coupling:** Uses a miniature transformer or optoisolator to physically separate the input, output, and power circuits. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. #### C. Output Stage * **Dual Precision Op-Amps:** Splits the signal into two independent paths. * **Filter Circuitry:** Removes high-frequency noise from the DC signal. * **Zero/Span Adjustments:** Potentiometers located on the front of the unit allow for fine-tuning the calibration of the 1-5V range. --- ### 4. Application Example In an industrial plant, a pressure transmitter might output a **1-5V** signal. To monitor this signal in two places simultaneously (e.g., a local display and a remote PLC) without interference, the **W2XM** splits the signal. If the PLC side shorts out, the local display remains functional due to the electronic isolation.
    ✨ Follow-up Questions
    • ⤷ How does the 3-way isolation in the W2XM prevent ground loops?
    • ⤷ What are the calibration steps for the Zero and Span adjustments on this model?
    • ⤷ Is there a 4-20mA output version of this signal splitter?