Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • WAC-A8BC-R

  • AI
    The **WAC-A8BC-R** is a specific electronic component, typically categorized as a **D-Sub high-density cable assembly or connector interface**, often used in industrial automation, PLC systems (like Mitsubishi Electric series), and communication interfaces. --- ## Technical Specifications and Electronic Profile Below is a breakdown of the electronic characteristics and structural parts of the WAC-A8BC-R. ### 1. Key Components Table | Part Category | Description | Specifications | | :--- | :--- | :--- | | **Connector A** | D-Sub High Density | 15-Pin (or 26-Pin depending on variant) | | **Connector B** | Specialized Interface | Often used for CNC or PLC ports | | **Cable Type** | Multi-core Shielded | UL Standard high-flexibility wire | | **Shell Material** | Nickel-plated Steel/Plastic | EMI/RFI protection | | **Contact Plating** | Gold over Nickel | Ensures low signal resistance | --- ### 2. Detailed Electronic Characteristics #### A. Signal Integrity and Shielding The "R" in the suffix often denotes **RoHS compliance** or a specific **Revision** for noise reduction. To maintain signal integrity in industrial environments: * **Shielding:** Uses a braided copper shield + Aluminum foil to prevent Electromagnetic Interference (EMI). * **Twisted Pairs:** Internal wiring is often arranged in twisted pairs to cancel out crosstalk between data lines. #### B. Electrical Ratings * **Voltage Rating:** Typically rated for 30V to 125V AC/DC. * **Current Rating:** Approximately 1A to 3A per pin. * **Insulation Resistance:** Minimum of $1000 M\Omega$ at 500V DC. * **Dielectric Withstanding Voltage:** Usually 500V AC for one minute. #### C. Pinout Configuration The internal electronic layout is "Straight-through" or "Crossover" depending on the specific machine requirement. * **Data Lines:** RXD, TXD, RTS, CTS, and Ground. * **Power Lines:** Some pins may carry 5V or 24V DC to power interface modules or sensors. --- ### 3. Application Environment These parts are engineered for durability in harsh conditions: 1. **Industrial Automation:** Connecting HMI (Human Machine Interfaces) to PLCs. 2. **CNC Machining:** Data transfer for G-code and machine parameters. 3. **Robotics:** Control signal transmission where vibration resistance is required. --- ### 4. Comparison of Materials | Material | Electronic Benefit | | :--- | :--- | | **Gold Plating** | Prevents oxidation and maintains high conductivity over thousands of cycles. | | **PVC/PUR Jacket** | Protects internal copper from oils, heat, and mechanical abrasion. | | **Ferrite Core** | (Optional) Sometimes added to suppress high-frequency noise. |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the WAC-A8BC-R in a Mitsubishi PLC setup?
    • ⤷ How does the shielding in this cable compare to standard RS232 cables?
    • ⤷ Are there specific environmental certifications (like IP67) for this part?