Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • WADS-32B-R

  • AI
    The **WADS-32B-R** is a high-performance, ultra-compact dual-axis rate sensor (gyroscope) commonly used in stabilization and navigation systems. It is part of the WADS (Wide-Angle Dual Sensor) series, designed for precision in demanding environments. ### Core Technical Specifications The following table highlights the primary electronic and performance characteristics: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Input Voltage** | +5.0 ± 0.25 | VDC | | **Input Current** | < 40 | mA | | **Full Scale Range** | ±32 (standard) | deg/sec | | **Scale Factor** | 75 (nominal) | mV/deg/sec | | **Bandwidth (-3dB)** | > 50 | Hz | | **Output Type** | Analog Differential | - | | **Operating Temp** | -40 to +85 | °C | --- ### Key Electronic Components & Features #### 1. MEMS Sensing Element The heart of the WADS-32B-R is a Micro-Electro-Mechanical System (MEMS) vibrating ring or tuning fork structure. It utilizes the **Coriolis Effect** to detect angular velocity. When the device rotates, the vibrating element experiences a force that causes a displacement proportional to the rate of rotation. #### 2. Signal Conditioning ASIC Integrated within the housing is an Application-Specific Integrated Circuit (ASIC) that performs several critical functions: * **Excitation:** Drives the MEMS element into its resonance frequency. * **Demodulation:** Extracts the rate signal from the high-frequency carrier wave. * **Filtering:** Removes high-frequency noise and vibration artifacts to provide a clean output. #### 3. Differential Output Interface The electronic output is typically **differential analog**. * **Benefits:** This configuration provides high common-mode rejection ratio (CMRR), making the sensor resistant to electromagnetic interference (EMI) and power supply noise, which is vital in industrial or aerospace settings. #### 4. Thermal Compensation The internal electronics include a temperature sensor and compensation circuitry. Because MEMS sensitivity and bias can drift with temperature, the WADS-32B-R uses factory-calibrated internal logic to maintain stability across its wide operating range (-40°C to +85°C). --- ### Pinout and Connectivity (Typical) While specific connector types can vary by revision, the standard electronic interface includes: 1. **V+ (Power):** 5V Input. 2. **GND:** Signal and Power Ground. 3. **X-Axis Out (+/-):** Differential rate signal for the first axis. 4. **Y-Axis Out (+/-):** Differential rate signal for the second axis. 5. **Temp Out (Optional):** Some variants provide an analog voltage proportional to internal temperature. --- ### Applications Due to its high shock resistance and low noise floor, these electronics are suited for: * **Platform Stabilization:** Camera gimbals and antenna pointing. * **Autonomous Vehicles:** Navigation (INS) and dead reckoning. * **Robotics:** Precision motion control and balance.
    ✨ Follow-up Questions
    • ⤷ What are the specific noise floor characteristics for the WADS-32B-R?
    • ⤷ How does the differential analog output interface with a modern microcontroller's ADC?
    • ⤷ What is the physical mounting footprint of this sensor?