Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • WCT-5B3-R

  • AI
    The **WCT-5B3-R** is a high-performance wireless charging transmitter module specifically designed to meet the **WPC (Wireless Power Consortium) Qi standards**. It is commonly used in automotive applications or high-end charging docks due to its multi-coil configuration and efficiency. --- ### 1. Key Electronic Specifications The module integrates several critical components to handle power conversion and communication. | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V DC (Automotive Grade) | | **Output Power** | Up to 15W (Fast Charging Support) | | **Standards** | Qi v1.2.4 or higher compliant | | **Coil Type** | Multi-coil system (often 3-coil array) | | **Efficiency** | >75% at peak load | --- ### 2. Core Electronic Components The WCT-5B3-R architecture consists of several specialized subsystems: #### A. The Digital Controller (MCU) The "brain" of the module is usually a dedicated Freescale/NXP wireless power controller (e.g., MWCT series). * **Functions:** Manages the PID loop for power regulation, handles FSK (Frequency Shift Keying) communication with the mobile device, and monitors safety sensors. #### B. Full-Bridge Inverter This stage converts the DC input into a high-frequency AC signal. * **MOSFETs:** High-efficiency N-Channel MOSFETs are used to drive the primary coils. * **Gate Drivers:** Ensure precise switching of the MOSFETs to minimize thermal loss. #### C. Multi-Coil Array & Switching Matrix Unlike single-coil chargers, the "5B3" designation often refers to a specific coil topology. * **Switching Logic:** The module uses analog switches to select the coil with the best magnetic coupling to the device. * **Resonant Capacitors:** High-quality C0G/NP0 ceramic capacitors are used to form the LC resonant circuit. #### D. Protection Circuitry * **FOD (Foreign Object Detection):** Monitors power loss to detect metal objects (like coins or keys) between the charger and phone. * **Thermal Protection:** Includes thermistors to shut down the system if temperatures exceed safe limits. --- ### 3. Connection Pinout Example While specific board revisions vary, the interface usually follows this logic: ```yaml Pin 1: Vin (+12V) Pin 2: GND Pin 3: CAN_H / UART_TX (Communication/Diagnostics) Pin 4: CAN_L / UART_RX Pin 5: LED_Status_Indicator ``` --- ### 4. Comparison: Single vs. Multi-Coil (WCT-5B3-R) | Feature | Single Coil | WCT-5B3-R (Multi-Coil) | | :--- | :--- | :--- | | **Charging Area** | Small / Must be centered | Large / Drop-and-go | | **Complexity** | Low | High (Requires coil switching) | | **Reliability** | Standard | High (Automotive Grade) |
    ✨ Follow-up Questions
    • ⤷What are the specific NXP microcontrollers used in the WCT-5B3-R series?
    • ⤷ How does the Foreign Object Detection (FOD) algorithm work in this module?
    • ⤷ Can this module be modified to support 30W charging?