WSBS-24D-R
AI

The **WSBS-24D-R** is a high-current, low-resistance shunt resistor manufactured by Vishay Dale. It is specifically designed for battery management systems (BMS) and high-current sensing applications.
---
## 1. Technical Specifications
The following table outlines the primary electronic characteristics of the WSBS-24D-R series:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Proprietary Manganin-based resistive alloy |
| **Resistance Range** | 100 $\mu\Omega$ to 500 $\mu\Omega$ (typical) |
| **Power Rating** | Up to 36W (dependent on resistance value) |
| **Tolerance** | $\pm$ 5% (Standard) |
| **Temperature Coefficient (TCR)** | < 20 ppm/°C (highly stable) |
| **Construction** | Metal strip, welded design |
---
## 2. Key Electronic Components & Features
### A. Power Metal Strip® Technology
Modern electronic circuits require precision at high loads. This part uses a solid metal alloy resistive element. Unlike traditional wire-wound or thick-film resistors, the metal strip allows for:
* **Low Inductance:** Integral for high-frequency switching environments (< 5 nH).
* **Thermal Stability:** Excellent heat dissipation through the busbar terminals.
### B. Manganin-Based Alloy
The "active" electronic part of the resistor is made from a Manganese-Copper-Nickel alloy. This is chosen specifically for its **low Thermal EMF** (Electromotive Force). When two dissimilar metals are joined, temperature changes can create a small voltage; Manganin minimizes this "noise," ensuring the current sensing remains accurate even as the battery heats up.
### C. Mechanical Interface (Busbar Mounting)
The "D" in the part number often refers to the physical configuration (bolt-down). The electronic connection is made via large copper terminals that are electron-beam welded to the resistive element. This minimizes contact resistance, which is critical when measuring currents exceeding 100 Amps.
---
## 3. Typical Application Circuit
In most electronic systems, the WSBS-24D-R acts as the **Current Sense Resistor**.
```python
# Simplified logic for current calculation using WSBS-24D-R
def get_current(measured_voltage, resistance_value):
# Ohm's Law: I = V / R
# Example: 10mV drop across a 100 micro-ohm resistor
current = measured_voltage / resistance_value
return current
# Result: (0.010V / 0.0001 Ohm) = 100 Amps
```
---
## 4. Common Use Cases
1. **Automotive BMS:** Monitoring state-of-charge (SoC) in Electric Vehicles (EV).
2. **Solar Inverters:** Measuring high-power DC output.
3. **Industrial Battery Shunts:** Heavy-duty forklift or UPS battery monitoring.
- ⤷
What is the maximum current capacity (in Amps) for the 100 micro-ohm variant?
- ⤷ How does the electron-beam welding process improve the reliability of this resistor?
- ⤷ What are the recommended mounting torque values for the busbar terminals?