Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • WSBS-4BD-R

  • AI
    ### WSBS-4BD-R: Technical Overview The **WSBS-4BD-R** is a high-precision, heavy-duty **Battery Disconnect Switch** (often referred to as a Master Switch or Kill Switch) manufactured by **Cole Hersee** (a Littelfuse brand). This part is designed to physically break the connection between the battery and the vehicle's electrical system to prevent battery drain or provide safety during maintenance. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Part Number** | WSBS-4BD-R | | **Voltage Rating** | 12V - 24V DC | | **Continuous Current** | 300 Amps | | **Intermittent Current** | 1000 Amps (typically for 30-60 seconds) | | **Configuration** | Single Pole, Single Throw (SPST) | | **Actuator** | Rotating Red Knob (R-Series) | | **Termination** | Two M10 x 1.5 threaded studs | --- ### 2. Internal Electronic Design While these switches are mechanical in nature, their electronic performance is defined by high-quality materials to minimize resistance: * **Contacts:** High-conductivity copper or silver-plated copper. This ensures minimal voltage drop (usually < 50mV) even under high current loads. * **Insulation:** The housing is typically made of high-impact thermoplastic or glass-filled nylon to prevent arcing and ensure a high dielectric strength. * **Protection:** The "R" in the suffix often denotes weather resistance. It features O-rings and gaskets to achieve an **IP67** or **IP69K** rating, protecting the internal electronics from moisture, dust, and pressure washing. --- ### 3. Connection and Wiring The switch is integrated into the high-current side of the electrical system. ```mermaid graph LR A[Battery Positive] --> B((WSBS-4BD-R)) B --> C[Main Fuse/Busbar] C --> D[Vehicle Load] ``` --- ### 4. Common Applications * **Heavy Duty Vehicles:** Trucks, construction equipment, and tractors. * **Marine:** Used as a battery selector or emergency cut-off. * **Emergency Vehicles:** Preventing "parasitic draw" from lights, sirens, and radios when the vehicle is parked for long periods. --- ### 5. Installation Note When installing the **WSBS-4BD-R**, it is critical to use properly sized ring terminals (M10) and ensure the nuts are torqued to the manufacturer's specification. Loose connections lead to **heat buildup**, which can melt the plastic housing and cause electrical failure.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this switch can handle for engine cranking?
    • ⤷ Is the WSBS-4BD-R ignition protected for use in engine compartments?
    • ⤷ Does this model support Lock-Out/Tag-Out (LOTO) safety procedures?