XHS35F-50-R2-FS-XPROGAB
AI

The **XHS35F-50-R2-FS-XPROGAB** is a high-performance industrial incremental encoder manufactured by **BEI Sensors** (now part of Sensata Technologies). It is specifically designed for hollow-shaft mounting in heavy-duty environments.
### 1. Part Number Breakdown (Specifications)
Understanding the alphanumeric code reveals the core electronic and mechanical characteristics:
| Code Segment | Feature | Description |
| :--- | :--- | :--- |
| **XHS35** | Series | Heavy Duty, Explosion Proof / Hazardous Area Rated Encoder. |
| **F** | Mounting | Hollow Shaft style (usually 1-inch or 3/8-inch bore). |
| **50** | Resolution | 50 Pulses Per Revolution (PPR). |
| **R2** | Output Type | Differential Line Driver (RS422 compatible). |
| **FS** | Connection | Field Selectable / Standard Connector or Cable. |
| **XPROGAB** | Special Options | Specific internal programming or housing features for hazardous locations. |
---
### 2. Electronic Components and Interface
The internal electronics of this unit are designed for signal integrity over long distances and resistance to electrical noise.
#### A. Sensing Technology
The unit uses **Optical Sensing**. A light source (LED) shines through a rotating disk with 50 etched slits. A photodetector converts the light pulses into electrical square waves.
#### B. Output Signals (R2 Line Driver)
The "R2" designation indicates a **Differential Line Driver** (typically 5-28V DC).
* **Channels:** Provides A, B, and Z (Index) signals.
* **Complementary Signals:** It also provides $\bar{A}$, $\bar{B}$, and $\bar{Z}$.
* **Benefit:** Differential signaling cancels out Electromagnetic Interference (EMI), allowing the encoder to operate near large motors or high-voltage lines.
#### C. Electrical Protections
* **Reverse Polarity:** Prevents damage if the power supply wires are accidentally swapped.
* **Short Circuit Protection:** Protects the output drivers if the signal wires touch ground or each other.
* **ESD Protection:** Shielded against static discharge common in industrial handling.
---
### 3. Mechanical & Environmental Specifications
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage** | 5V to 28V DC |
| **Bore Size** | Typically 1.0" with insulating inserts available. |
| **Housing Material** | Anodized Aluminum or Stainless Steel. |
| **Sealing** | IP65 or IP67 (Dust tight and water resistant). |
| **Hazardous Rating** | ATEX/IECEx certified for Zone 1 or Zone 2 (depending on specific XPROG sub-type). |
---
### 4. Typical Applications
The XHS35F series is most commonly found in:
* **Oil & Gas:** Drawworks and top drive speed feedback.
* **Mining:** Conveyor belt synchronization in explosive dust environments.
* **Large Motors:** Speed control for VFD-driven AC/DC motors in harsh mills.
- ⤷
What are the wiring pinouts for the R2 differential output?
- ⤷ How does the 'XPROG' suffix affect the ATEX certification levels?
- ⤷ Can the PPR be reprogrammed if the '50' resolution is insufficient?