AI

The **XHS35F-87-R2-FS-XPROGABZ** is a high-performance, heavy-duty incremental hollow-shaft encoder manufactured by BEI Sensors (Sensata Technologies). It is specifically designed for industrial applications requiring high precision and ruggedness.
---
### 1. Part Number Breakdown (Specifications)
| Component Code | Description |
| :--- | :--- |
| **XHS35F** | Series designation: Extreme Heavy Duty, 3.5-inch diameter hollow shaft encoder. |
| **87** | Shaft Diameter: Typically refers to a specific bore size (e.g., 1-inch or 1/2-inch with sleeves). |
| **R2** | Mounting style: Indicates the tether or flex mount version for motor attachment. |
| **FS** | Functional Safety: Often indicates internal features for safety-rated applications. |
| **XPROG** | Programmable: This unit allows for field programming of resolution (PPR). |
| **ABZ** | Output Channels: Standard Incremental signals (A, B, and Index Z). |
---
### 2. Key Electronic Features
#### A. Programmable Resolution (XPROG)
Unlike standard encoders with fixed pulse counts, the **XPROG** feature allows the user to program the pulses per revolution (PPR) electronically. This reduces inventory needs as one unit can replace many different fixed-resolution models.
#### B. Output Signal Characteristics
The device typically utilizes a **Line Driver** output. This is essential for:
- **Noise Immunity:** Differential signaling (A, /A, B, /B, Z, /Z) cancels out electromagnetic interference.
- **Long Cable Runs:** Maintaining signal integrity over distances up to 100 meters.
#### C. Electrical Protections
The internal circuitry includes:
* **Reverse Polarity Protection:** Prevents damage if the power supply wires are crossed.
* **Short Circuit Protection:** Protects the output drivers if the signal lines are accidentally grounded or shorted.
---
### 3. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage** | 5V to 28V DC (Wide range) |
| **Output Type** | TTL / RS422 or HTL (Push-Pull) |
| **Frequency Response** | Up to 300 kHz |
| **Connection** | M23 Connector or Cable Gland (model dependent) |
| **Protection Rating** | IP65 or IP67 (Dust and Water resistant) |
---
### 4. Typical Applications
* **Vector Motor Control:** Providing feedback for AC/DC motor drives.
* **Oil & Gas Industry:** Used in draw-works or mud pumps due to its heavy-duty housing.
* **Steel Mills:** High-temperature and high-vibration environments.
---
- ⤷
How do you program the PPR on an XPROG encoder?
- ⤷ What is the difference between TTL and HTL output signals in this model?
- ⤷ What are the common wiring colors for the ABZ channels?