XHS35F-87-R2-SS-XPROGAB
AI

The **XHS35F-87-R2-SS-XPROGAB** is a high-performance, heavy-duty incremental encoder manufactured by **BEI Sensors** (now part of Sensata Technologies). This specific part is designed for harsh industrial environments, particularly in heavy machinery and motor feedback applications.
### 1. Part Number Breakdown
The nomenclature reveals the core electrical and mechanical specifications:
| Code Segment | Description | Specification |
| :--- | :--- | :--- |
| **XHS35F** | Model Series | Explosion-proof / Heavy Duty 3.5" Hollow Shaft |
| **87** | Bore Size | 7/8 inch (0.875") diameter through-shaft |
| **R2** | Resolution | Typically indicates specific pulse per revolution (PPR) configuration |
| **SS** | Housing Material | Stainless Steel (Enhanced corrosion resistance) |
| **XPROGAB** | Electronics type | Programmable electronics with specific output drivers |
---
### 2. Electrical Specifications
The "XPROGAB" designation indicates the advanced electronic interface of the unit.
* **Supply Voltage:** Usually operates on a wide range (e.g., 5V to 28V DC).
* **Output Channels:** Dual channels (A and B) in quadrature for direction sensing, plus an Index pulse (Z).
* **Output Drivers:** Often features high-power differential line drivers (compatible with RS-422) to ensure signal integrity over long cable runs.
* **Programmability:** This series allows for the adjustment of resolution (PPR) via software or internal jumpers, making it a "universal" replacement part.
---
### 3. Key Electronic Features
* **Optical Sensing:** Uses a non-contact optical disk to generate pulses, ensuring high precision.
* **Signal Protection:** Integrated protection against reverse polarity, short circuits, and over-voltage.
* **EMI/RFI Shielding:** The stainless steel housing acts as a Faraday cage to protect internal electronics from electromagnetic interference.
* **Termination:** Usually features a multi-pin M12 or MIL-style connector for secure electrical interfacing.
---
### 4. Technical Summary Table
| Feature | Details |
| :--- | :--- |
| **Encoder Type** | Incremental |
| **Shaft Style** | Hollow Shaft (Through-bore) |
| **Output Format** | Square Wave (TTL or HTL compatible) |
| **Frequency Response** | Up to 300 kHz |
| **Operating Temp** | -40°C to +100°C (depending on model variant) |
| **Enclosure Rating** | IP66 / IP67 (Dust tight and water resistant) |
---
- ⤷What is the difference between TTL and HTL outputs for this encoder?
- ⤷ How do I program the PPR for the XPROGAB series?
- ⤷ What are the common wiring color codes for BEI XHS35 series encoders?