Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • Y-CONC-R402U-RJ6M-2000-B

  • AI
    ## Technical Overview of Y-CONC-R402U-RJ6M-2000-B The **Y-CONC-R402U-RJ6M-2000-B** is a specialized high-performance cable assembly typically utilized in industrial automation and high-speed data communication environments. It is part of a series often associated with high-flex applications, such as robotic arms or moving machine parts. --- ### 1. Part Number Breakdown (Estimated) While specific internal manufacturer codes may vary, the nomenclature generally breaks down as follows: | Component | Description | | :--- | :--- | | **Y-CONC** | Series identifier (likely high-flex or robotic series) | | **R402U** | Cable specification (Type of shielding or wire gauge) | | **RJ6M** | Connector Type (Standard RJ45, possibly Male or Industrial grade) | | **2000** | Length (Typically 2000mm or 2.0 meters) | | **B** | Revision code or Black jacket color | --- ### 2. Key Electronic Features #### A. High-Flex Durability This part is engineered for **dynamic applications**. Unlike standard Ethernet cables, the internal copper strands are much finer, allowing the cable to withstand millions of bending cycles without internal fractures or signal degradation. #### B. Shielding and Signal Integrity * **SF/UTP or S/FTP:** Usually features double shielding (braid + foil) to prevent Electromagnetic Interference (EMI) in noisy industrial environments (near motors/VFDs). * **Gold-Plated Contacts:** The RJ45 connectors typically feature 50μ" gold plating to ensure low contact resistance and prevent oxidation. #### C. Environmental Resistance * **Jacket Material:** Often uses PUR (Polyurethane) or specialized PVC that is resistant to oils, chemicals, and abrasion. * **Temperature Range:** Typically rated for -20°C to +80°C. --- ### 3. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Category** | Cat5e or Cat6 (High-Speed Data) | | **Connector A** | RJ45 8P8C (Industrial Grade) | | **Connector B** | RJ45 8P8C (Industrial Grade) | | **Length** | 2.0 Meters | | **Shielding** | Braided Shield + Foil | | **Application** | Robotic drag chains, Industrial Ethernet | --- ### 4. Implementation Code Example (Diagnostic) If you are using this cable to connect an industrial PLC to a sensor and want to monitor link stability via Python (using a basic ping test), you might use: ```python import os import platform def check_cable_link(host): # Determine the operating system parameter for ping param = '-n' if platform.system().lower() == 'windows' else '-c' command = f"ping {param} 1 {host}" response = os.system(command) if response == 0: print(f"Connection to {host} is STABLE.") else: print(f"Connection to {host} FAILED - Check cable seating.") check_cable_link("192.168.1.10") ```
    ✨ Follow-up Questions
    • ⤷What is the maximum bend radius for this specific cable type?
    • ⤷ Does this cable support Power over Ethernet (PoE)?
    • ⤷ Which industrial manufacturers typically produce the Y-CONC series?