Y-CONC-R406M-RJ2L-2000-A
AI

The part number **Y-CONC-R406M-RJ2L-2000-A** typically refers to a high-performance industrial cable assembly, often associated with sensor-actuator interfaces or specialized Ethernet connectivity.
Below is a breakdown of the electronic components and technical specifications related to this type of assembly.
### 1. Component Breakdown
The part number is alphanumeric, representing specific mechanical and electrical characteristics:
| Code Segment | Component Detail | Description |
| :--- | :--- | :--- |
| **Y-CON** | Series | Yamaichi Electronics (Y-Con) industrial series. |
| **R406M** | Connector Type | Often denotes an RJ45 type with an IP67/68 rating housing. |
| **RJ2L** | Wiring/Logic | Specific pinout configuration (often 10/100 or Gigabit Ethernet). |
| **2000** | Length | 2000mm (2.0 meters) total cable length. |
| **A** | Version/Revision | Specific manufacturing revision or shielding type. |
---
### 2. Technical Specifications
These parts are designed for harsh industrial environments where standard consumer RJ45 connectors would fail.
* **Connector Interface:** Industrial RJ45 (usually 4-pole or 8-pole).
* **Protection Class:** IP67 / IP68 / IP69K (Dust-tight and water immersion resistant).
* **Cable Type:** Shielded Twisted Pair (STP) to prevent EMI (Electromagnetic Interference).
* **Jacket Material:** Usually PUR (Polyurethane) or PVC, resistant to oils, chemicals, and abrasion.
* **Operating Temperature:** Typically -20°C to +80°C.
---
### 3. Key Electronic Features
* **Signal Integrity:** Integrated shielding in the connector housing ensures minimal data loss in "noisy" factory environments near high-voltage motors.
* **Power over Ethernet (PoE):** Depending on the pin configuration (RJ2L), these cables are often capable of carrying both data and DC power to remote sensors.
* **Vibration Resistance:** The "Y-Con" lock mechanism provides a physical latch that prevents accidental disconnection due to machine vibration.
---
### 4. Typical Applications
1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs.
2. **Vision Systems:** High-speed data transfer for industrial cameras.
3. **Robotics:** Durable cabling for robotic arms requiring repetitive movement and environmental protection.
- ⤷
What is the exact pinout configuration for the RJ2L variant?
- ⤷ Can this cable be used in outdoor environments with UV exposure?
- ⤷ Is the Y-CONC-R406M-RJ2L-2000-A compatible with standard CAT6a speeds?