Y-CONC-R406M-RJ2L-2000-B
AI

The part number **Y-CONC-R406M-RJ2L-2000-B** refers to a high-precision, industrial-grade linear encoder or sensor cable assembly, typically associated with motion control systems (often used with Yaskawa or similar industrial automation brands).
---
### 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Linear Scale Connector / Encoder Cable |
| **Connector A** | R406M (Circular Industrial Plug) |
| **Connector B** | RJ2L (Standardized Interface for Feedback) |
| **Length** | 2000mm (2 Meters) |
| **Signal Type** | Differential Digital / Serial Feedback |
| **Shielding** | High-density braided shield (EMI/EMC protection) |
| **Application** | CNC Machinery, Robotic Arms, Linear Motors |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a specific manufacturer nomenclature:
* **Y-CONC**: General series prefix for industrial connectivity components.
* **R406M**: Specifies the primary connector head. These are usually ruggedized, IP-rated circular connectors designed to withstand vibration.
* **RJ2L**: Specifies the secondary termination point, often used for plugging into a drive or a controller interface.
* **2000**: Indicates the cable length in millimeters (2 meters).
* **B**: Revision code or specific wiring pinout configuration.
---
### 3. Electronic Characteristics
1. **Low Impedance**: Designed to minimize signal loss over the 2-meter span to ensure precise positioning data.
2. **Noise Immunity**: Uses twisted-pair wiring inside the sheath to cancel out electromagnetic interference (EMI) from nearby high-voltage motor cables.
3. **Flex Life**: The "B" series cables are often rated for dynamic applications (cable carriers/drag chains) with high bend cycles.
### 4. Typical Use Case
This cable is used to connect a **Linear Scale** (measuring the position of a machine axis) to a **Servo Drive**. It carries the feedback signals (A, B, and Z phases or serial data) that allow the controller to know exactly where the machine part is located in 3D space.
---
- ⤷
What is the specific pinout diagram for the R406M connector?
- ⤷ Is this cable rated for high-flex drag chain applications?
- ⤷ Which servo drive models are compatible with the RJ2L interface?