Y-CONC-R406M-RJ2S-2000-A
AI

The **Y-CONC-R406M-RJ2S-2000-A** is a high-performance, industrial-grade cable assembly, primarily used in automation, machine vision, and EtherCAT networking applications. It is part of the **Y-Con** series manufactured by **Yamaichi Electronics**.
---
### 1. Technical Specifications Overview
This part is essentially a ruggedized RJ45 cable assembly designed to withstand harsh industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Industrial RJ45 (Y-Con Series) |
| **Cable Length** | 2000mm (2 Meters) |
| **Shielding** | S/FTP (Screened/Foiled Twisted Pair) |
| **Number of Pins** | 8 Pins (Standard Ethernet) |
| **Protection Class** | IP20 (Base) / Up to IP67 (with specific housing) |
| **Category** | Cat 5e / Cat 6 compatible |
| **Operating Temp** | -20°C to +80°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows Yamaichi’s specific nomenclature for the Y-Con line:
* **Y-CON**: The product family (Industrial Ethernet).
* **C-R406M**: Refers to the specific RJ45 plug design and molding type.
* **RJ2S**: Indicates a shielded RJ45 connector configuration.
* **2000**: Specifies the length in millimeters (2.0 meters).
* **A**: Revision or specific wiring configuration (Standard TIA-568B).
---
### 3. Key Electronic & Mechanical Features
#### A. Power Over Ethernet (PoE) Support
Unlike standard consumer RJ45 cables, the Y-Con series often includes **additional integrated power contacts**. This allows for the transmission of power (up to 2.1A) alongside the data signal without interfering with the Ethernet transmission.
#### B. Industrial Durability
* **Vibration Resistance**: Designed to remain connected in high-vibration environments like robotic arms.
* **Gold Plating**: The contacts feature high-quality gold plating to prevent oxidation and ensure low contact resistance over thousands of cycles.
* **Strain Relief**: Features a robust over-molded strain relief that prevents internal wire breakage from bending.
#### C. EMI/EMC Protection
The "S" in the code typically refers to **Shielding**. The cable uses a braided shield and foil to protect the signal from Electromagnetic Interference (EMI) caused by nearby high-voltage motors or industrial machinery.
---
### 4. Common Applications
* **EtherCAT/PROFINET**: High-speed communication between PLCs and sensors.
* **Machine Vision**: Connecting industrial cameras to processing units.
* **Robotics**: Wiring within cable carriers where high flexibility and durability are required.
- ⤷
What is the maximum data transfer rate supported by this cable?
- ⤷ Can this cable be upgraded to IP67 protection with an external housing?
- ⤷ What are the specific power pin ratings for the Y-Con series?