Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

  • Y-CONC-R422U-RJ2L-2000-A

  • AI
    The **Y-CONC-R422U-RJ2L-2000-A** is a specific industrial-grade cable assembly, typically associated with high-speed data transmission and harsh environment connectivity (often used in industrial automation, robotics, or specialized sensor networks). Below is a breakdown of its electronic and mechanical specifications based on standard nomenclature for this series. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type A** | RJ45 (Industrial Grade) | | **Connector Type B** | RJ45 (Industrial Grade) | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Transmission Speed** | Up to 1 Gbps (Category 5e/6 compatible) | | **Material** | PUR (Polyurethane) Jacket - Oil & Chemical Resistant | | **Operating Temp** | -20°C to +80°C | --- ### 2. Key Electronic Components #### A. The RJ45 Plug (Y-Con Series) Unlike standard consumer RJ45 plugs, this part uses the **Y-Con system**. This includes: * **Integrated Power Contacts:** It often features additional metal contacts for power supply (up to 2.1A) alongside the standard 8 data pins. * **Gold Plating:** The contacts are typically plated with 30-50 micro-inches of gold to prevent oxidation in humid environments. #### B. The Shielding System To maintain signal integrity in "noisy" electronic environments (near motors or high-voltage lines), the cable employs: * **Braided Shield:** Protects against low-frequency electromagnetic interference (EMI). * **Foil Shield:** Protects against high-frequency RFI (Radio Frequency Interference). #### C. Conductivity and Impedance * **Impedance:** Balanced at **100 Ohms**, optimized for Ethernet protocols. * **Wire Gauge:** Usually **26 AWG or 24 AWG** stranded copper, providing a balance between flexibility and low electrical resistance. --- ### 3. Application Use-Cases * **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs. * **Machine Vision:** High-speed data transfer for industrial cameras. * **Robotics:** The PUR jacket allows the cable to withstand constant flexing and torsion without the internal copper wires breaking (fatigue resistance). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the Y-Con power contacts?
    • ⤷ How does a PUR jacket compare to PVC in industrial electronics?
    • ⤷ Is this cable compatible with PoE+ (Power over Ethernet) standards?