Y-CONC-R422U-RJ2U-2000-B
AI

Based on the part number **Y-CONC-R422U-RJ2U-2000-B**, this component is a high-performance, industrial-grade **USB 2.0 extension cable assembly** typically used in industrial automation, robotics, or medical equipment.
Below is a breakdown of its technical characteristics and electronic components.
---
### 1. Part Number Breakdown
The naming convention follows industrial interconnect standards, typically used by manufacturers like **Yamaichi Electronics**.
| Segment | Description |
| :--- | :--- |
| **Y-CON** | Series name (Industrial USB/Ethernet connectivity) |
| **R422U** | Specifies the USB 2.0 protocol and reinforced shielding |
| **RJ2U** | Connector Type (Type A to Type B, or proprietary circular locking) |
| **2000** | Cable Length (2000mm or 2 Meters) |
| **B** | Revision code or Black jacket color |
---
### 2. Key Electronic Features
#### A. Data Transmission (USB 2.0)
* **High-Speed Support:** Rated for up to **480 Mbps**.
* **Impedance Matching:** The internal twisted pairs are designed with a **90Ω differential impedance** to minimize signal reflection and data loss over the 2-meter span.
#### B. Industrial Protection (The "Y-CON" Standard)
Unlike standard consumer cables, this assembly includes:
* **Integrated Shielding:** Double-shielded (Braided + Foil) to protect against **EMI (Electromagnetic Interference)** and **RFI (Radio Frequency Interference)** common in factory environments.
* **Power Delivery:** Includes dedicated power conductors (usually 24 AWG to 28 AWG) to ensure stable 5V DC delivery with minimal voltage drop.
#### C. Connector Construction
* **Gold-Plated Contacts:** Typically 30µ" to 50µ" gold plating to prevent oxidation in humid or corrosive environments.
* **Vibration Resistance:** The "RJ" designation often implies a locking mechanism or a ruggedized housing that prevents accidental disconnection during machine vibration.
---
### 3. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Protocol** | USB 2.0 (Backward compatible with 1.1) |
| **Length** | 2.0 Meters |
| **Jacket Material** | PUR (Polyurethane) or PVC (High-Flex versions) |
| **Operating Temp** | -20°C to +80°C (Standard industrial range) |
| **IP Rating** | Often IP20 (or IP67 if used with a Y-Con cover) |
---
### 4. Typical Applications
* **PLC Programming:** Connecting a laptop to a Programmable Logic Controller.
* **HMI Interfaces:** Linking touch panels to industrial PCs.
* **Vision Systems:** Data transfer from industrial cameras to processing units.
---
- ⤷
What is the pinout configuration for the R422U connector?
- ⤷ Does this specific cable support IP67 waterproof rating with an additional housing?
- ⤷ Can this cable be used in high-flex cable track applications?